Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

71421LA55JGI Datasheet(PDF) 17 Page - Integrated Device Technology

Part # 71421LA55JGI
Description  HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

71421LA55JGI Datasheet(HTML) 17 Page - Integrated Device Technology

Back Button 71421LA55JGI Datasheet HTML 10Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 11Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 12Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 13Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 14Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 15Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 16Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 17Page - Integrated Device Technology 71421LA55JGI Datasheet HTML 18Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
6.42
IDT71321SA/LA and IDT71421SA/LA
High Speed 2K x 8 Dual-Port Static RAM with Interrupts
Industrial and Commercial Temperature Ranges
17
Orde ring I nfor m a t ion
NOTES:
1. Contact your sales office for industrial temperature range availability in other speeds, packages and powers.
2. Greenpartsavailable.Forspecificspeeds,packagesandpowerscontactyourlocalsalesoffice.
LEAD FINISH (SnPb) parts are in EOL process. Product Discontinuation Notice - PDN# SP-17-02
Dat a she e t Doc um e nt H ist or y
03/24/99:
Initiateddatasheetdocumenthistory
Converted to new format
Cosmetictypographicalcorrections
Pages 2 and 3
Added additional notes to pin configurations
06/07/99:
Changed drawing format
11/10/99:
Replaced IDT logo
08/23/01:
Page 3
Increased storagetemperatureparameters
Clarified TA parameter
Page 4
DC Electrical parameters–changed wording from "open" to "disabled"
Page 16
Fixed part numbers in "Width Expansion" paragraph
Changed ±500mV to 0mV in notes
Page 4
Industrial temperature range offering added to DC Electrical Characteristics for 25ns and removed for
35ns
Page 7 and 9
Industrial temperature range added to AC Electrical Characteristics for 25ns
Page 17
Industrial offering removed for 35ns ordering information
01/17/06:
Page 1
Added green availability to features
Page 17
Added green indicator to ordering information
Page 1 & 17
Replaced old IDTTM with new IDTTM logo
52-pin PLCC (J52)
64-pin TQFP (PN64)
52-pin STQFP (PP52)
64-pin STQFP (PP64)
XXXX
Device Type
A
999
A
A
Power Speed Package
Process/
Temperature
Range
71321
71421
16K (2K x 8-Bit) MASTER Dual-Port SRAM w/ Interrupt
16K (2K x 8-Bit) SLAVE Dual-Port SRAM w/ Interrupt
Speed in nanoseconds
2691 drw 17 PP52
Blank
I(1)
J
PF
PP
TF
20
25
35
55
LA
SA
Commercial (0°C to +70°C)
Industrial (-40°C to +85°C)
Low Power
Standard Power
Commercial Only
Commercial & Industrial
Commercial Only
Commercial & Industrial
A
G
(2)
Green
A
Blank
8
Tube or Tray
Tape and Reel
20
25
35
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com