Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD-R-31SR-P Datasheet(PDF) 1 Page - Kemet Corporation

Part # ESD-R-31SR-P
Description  ESD-R-SR Toroidal Cores for Round Cables for Low Frequency at 150 kHz (Bare, coated & with case)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESD-R-31SR-P Datasheet(HTML) 1 Page - Kemet Corporation

  ESD-R-31SR-P Datasheet HTML 1Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 2Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 3Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 4Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 5Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 6Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 7Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 8Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
E5010_ESD-R-SR • 9/12/2018
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
One world. One KEMET
EMI Cores
ESD-R-SR Toroidal Cores for Round Cables for
Low Frequency at 150 kHz (Bare, coated & with case)
Benefits
• Proprietary high impedance core material for effective
noise suppression at 150kHz
• Solid construction
• Large-size ring type
• Bare, coated and with case types available
Overview
The KEMET ESD-R-SR Series solid toroidal cores are
designed for use on round cables. KEMET’s unique core
material enables high performance in low frequency
range, at 150 kHz. Options are available in bare, coated
and with case types. EMI cores are part of a family of
passive components which address the issues of noise or
electromagnetic interference (EMI) in circuits or systems
Applications
• Consumer electronics
• Air conditioners
• Power conditioners
• Refrigerators
• Washing machines
• Business multifunction printers
• Industrial equipment
• General purpose inverters
Part Number System
ESD-
R-
31
SR
-P
Series
Shape Type
Core Size
Outer Dimension Code (mm)
Core Material
Type
ESD-
Ring
See Table 1
SR = S15H
SRH = S18H
Blank = Bare
P = Coated


Similar Part No. - ESD-R-31SR-P

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ESD-R-31SR KEMET-ESD-R-31SR Datasheet
54Kb / 1P
KEMET, ESD-R-SR, EMI Cores, Commercial Grade
More results

Similar Description - ESD-R-31SR-P

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ESD-SR KEMET-ESD-SR Datasheet
666Kb / 6P
Snap-on Cores for Round Cables
ESD-R-47SR-P KEMET-ESD-R-47SR-P Datasheet
54Kb / 1P
KEMET, ESD-R-SR, EMI Cores, Commercial Grade
ESD-FPD-16 KEMET-ESD-FPD-16 Datasheet
523Kb / 7P
ESD-FPD Series Split Cores with Metal Clamp for Flat Cables for High Frequency (Bare)
ESD-FPD-16-1 KEMET-ESD-FPD-16-1 Datasheet
537Kb / 8P
ESD-FPD-1 Series Split Cores with Plastic Clamp for Flat Cables for High Frequency (Bare)
ESD-FPL-14.5-3 KEMET-ESD-FPL-14.5-3 Datasheet
1Mb / 17P
ESD-FPL Series Solid Cores for Flat Cables for High Frequency (Bare)
ESD-R-19B KEMET-ESD-R-19B Datasheet
664Kb / 9P
ESD-R-B Toroidal Cores for Round Cables for Low & High Frequency (with snail-shaped case)
ESD-SR-160H KEMET-ESD-SR-160H Datasheet
504Kb / 7P
ESD-SR-H/HL Snap-on Cores for Round Cables for High Frequency (with High Heat Resistance & Cable Holding Mechanism case)
ESD-SR-S38G KEMET-ESD-SR-S38G Datasheet
1Mb / 10P
ESD-SR Snap-on Cores for Round Cables for Low & High Frequency (with case)
B-20L-48B-A KEMET-B-20L-48B-A Datasheet
582Kb / 8P
B-20 Bead Cores for Round Cables for Low & High Frequency (Bare & coated)
ESD-R-57SR KEMET-ESD-R-57SR Datasheet
54Kb / 1P
KEMET, ESD-R-SR, EMI Cores, Commercial Grade
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com