Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD-R-31SR-P Datasheet(PDF) 3 Page - Kemet Corporation

Part # ESD-R-31SR-P
Description  ESD-R-SR Toroidal Cores for Round Cables for Low Frequency at 150 kHz (Bare, coated & with case)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESD-R-31SR-P Datasheet(HTML) 3 Page - Kemet Corporation

  ESD-R-31SR-P Datasheet HTML 1Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 2Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 3Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 4Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 5Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 6Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 7Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 8Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
E5010_ESD-R-SR • 9/12/2018
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
EMI Core – ESD-R-SR Toroidal Cores for Round Cables for Low Frequency at 150 kHz (Bare, coated & with case)
Magnetic Permeability of Ferrite Material
In order to achieve most efficient noise reduction, it is important to select the material according to the target frequency
band. Depending on its magnetic permeability, a particular ferrite material will be effective in a certain frequency band.
A schematic representation of the relationship between the magnetic permeability of each material and the corresponding
effective band range is shown in Figure 1. Materials with higher magnetic permeability are effective in the lower frequency
range, while those with lower magnetic permeability are effective in the higher frequency range. Thus, Mn-Zn products are
mainly used for reducing conduction noise, while Ni-Zn products are commonly used for radiation noise countermeasures.
The effective frequency range varies depending on core shape, size and number of windings. This frequency dependence
of the magnetic permeability as shown in the figure serves for reference purposes only and it should be tested on the actual
device to determine its effectiveness.
S18H, S15H, 10H, 7H, 5H, 1400L and 700L are KEMET’s proprietary ferrite material names.
Other materials can also be available on request.
Figure 4 - Relationship between the magnetic permeability of each material and its effective frequency range
10 kHz
0
10,000
20,000
100 kHz
1 MHz
10 MHz
100 MHz
1 GHz
Effective Frequency Range
Ni-Zn Series
1400L
700L
S18H
S15H
10H
7H
5H
Mn-Zn Series
Lower magnetic permeability:
Higher noise suppression effect
in the higher frequency range
Higher magnetic permeability:
Higher noise suppression effect
in the lower frequency range



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com