Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD-R-31SR-P Datasheet(PDF) 5 Page - Kemet Corporation

Part # ESD-R-31SR-P
Description  ESD-R-SR Toroidal Cores for Round Cables for Low Frequency at 150 kHz (Bare, coated & with case)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESD-R-31SR-P Datasheet(HTML) 5 Page - Kemet Corporation

  ESD-R-31SR-P Datasheet HTML 1Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 2Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 3Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 4Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 5Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 6Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 7Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 8Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
E5010_ESD-R-SR • 9/12/2018
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
EMI Core – ESD-R-SR Toroidal Cores for Round Cables for Low Frequency at 150 kHz (Bare, coated & with case)
Performance Characteristics
Item
Performance Characteristics
Operating temperature
−25°C to +85°C
Frequency range
Low frequency
Outer diameter
31.0 – 59.0 mm
Inner diameter
19.0 – 36.0 mm
Thickness
12.7 – 21.0 mm
Type
Bare, coated, and case
Case flame resistant rating
UL94 V–2
Material
MnZn S15H
Table 1 – Ratings & Part Number Reference
Part
Number
Dimensions (mm)
Weight
Type
Color
Compatible
Toroid Core
(Bare Type)
Frequency Range1
Material
OD
ID
T
(g)
≤ 10 MHz
(AM band range)
≤ 300 MHz
(FM band range) MnZN
NiZn
ESD-R-31SR
31.0 ±0.8
20.0 ±0.8
14.9 ±0.5
32.5
Bare
—
—
X
S15H
—
ESD-R-38SR
38.0 ±0.8
19.0 ±0.8
12.7 ±0.5
52.5
Bare
—
—
X
S15H
—
ESD-R-47SR
47.0 ±1.0
27.0 ±0.8
15.0 ±0.5
83.4
Bare
—
—
X
S15H
—
ESD-R-57SR
57.0 ±1.5
36.0 ±1.0
20.0 ±0.5
139.5
Bare
—
—
X
S15H
—
ESD-R-31SR-P 32.0 Maximum 19.0 Minimum 16.0 Maximum
32.9
Coated
Gray
—
X
S15H
—
ESD-R-38SR-P 39.5 Maximum 18.0 Minimum 14.0 Maximum
53.3
Coated
Gray
—
X
S15H
—
ESD-R-47SR-P 48.5 Maximum 26.0 Minimum 16.0 Maximum
84.3
Coated
Gray
—
X
S15H
—
ESD-R-57SR-P 59.0 Maximum 34.0 Minimum 21.0 Maximum
141.5
Coated
Gray
—
X
S15H
—
ESD-R-47SRH 51.0 Maximum
24.4 ±1.0
19.0 Maximum
92.0
Case
White with blue tape
—
X
S18H
—
1
Frequency range is for reference only. Please test with actual device before use.
Impedance vs. Frequency
Bare Type



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com