Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD-R-31SR-P Datasheet(PDF) 4 Page - Kemet Corporation

Part # ESD-R-31SR-P
Description  ESD-R-SR Toroidal Cores for Round Cables for Low Frequency at 150 kHz (Bare, coated & with case)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESD-R-31SR-P Datasheet(HTML) 4 Page - Kemet Corporation

  ESD-R-31SR-P Datasheet HTML 1Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 2Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 3Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 4Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 5Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 6Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 7Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 8Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
E5010_ESD-R-SR • 9/12/2018
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
EMI Core – ESD-R-SR Toroidal Cores for Round Cables for Low Frequency at 150 kHz (Bare, coated & with case)
Environmental Compliance
All KEMET EMI cores are RoHS compliant.
Dimensions – Millimeters
OD
ID
T
See Table 1 for dimensions
Installation Example



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com