Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD-R-31SR-P Datasheet(PDF) 2 Page - Kemet Corporation

Part # ESD-R-31SR-P
Description  ESD-R-SR Toroidal Cores for Round Cables for Low Frequency at 150 kHz (Bare, coated & with case)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESD-R-31SR-P Datasheet(HTML) 2 Page - Kemet Corporation

  ESD-R-31SR-P Datasheet HTML 1Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 2Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 3Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 4Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 5Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 6Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 7Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 8Page - Kemet Corporation ESD-R-31SR-P Datasheet HTML 9Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
E5010_ESD-R-SR • 9/12/2018
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
EMI Core – ESD-R-SR Toroidal Cores for Round Cables for Low Frequency at 150 kHz (Bare, coated & with case)
Turns and Impedance Characteristics
When the desired performance of an EMI core cannot be
obtained with a single pass through the core, the impedance
characteristics can be changed with multiple turns.
A turn is counted by the number of lead-wire windings which pass
through the inner hole of the core. Windings on the outside of the
core do not count.
See Figure 1 for examples of one, two, and three turns.
Adding turns will result in higher impedance while also lowering
the effective frequency range.
See Figure 2 for an example.
Core Material and Effective Frequency Range
There are two ferrite material options for KEMET
EMI Cores: Nickel Zinc (Ni-Zn) and Manganese
Zinc (Mn-Zn). Each core material has a different
resistance and effective frequency range. The
MnZn core material has a lower resistance
compared to the Ni-Zn; therefore, adequate
insulation is required before use.
The Ni-Zn core material is typically effective
for frequencies in the MHz band range such as
the FM-band, while the Mn-Zn core material is
typically effective for the kHz band range such as
the AM-band. See Figure 3.
It is recommended to measure the actual
frequency range effectiveness in the target
application.
3T
2T
1T
Figure 1 – How to count turns
Resonance point changes to lower band
3T
2T
1T
Frequency (MHz)
10,000
1
10
100
1,000
1,000
100
10
1
Figure 2 – Relationship between impedance and turn count.
(Representative example: ESD-R-16C)
Frequency (MHz)
AM band range
FM band range
Mn-Zn series core
Ni-Zn series core
1,000
100
10
1
0.01
0.1
1
10
100
1,000
Figure 3 – Effective band range of Mn-Zn and Ni-Zn ferrite core material.
(Representative example, measured with same-dimension ring core)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com