Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS672LSB-HT Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # ATS672LSB-HT
Description  Self-Calibrating TPO Gear-Tooth Sensor with 9-Bit Signal Capture
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS672LSB-HT Datasheet(HTML) 4 Page - Allegro MicroSystems

  ATS672LSB-HT Datasheet HTML 1Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 2Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 3Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 4Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 5Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 6Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 7Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 8Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ATS672LSB
SELF-CALIBRATING TPOS GEAR-TOOTH SENSOR WITH 9-BIT SIGNAL CAPTURE
Preliminary – Subject to Change
Rev. 1.2 May 1, 2002
Page 4 of 12
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 1993, 1995 Allegro MicroSystems, Inc.
OPERATION WITH 8X Reference Target over Operational Air Gap and Temperature with Test Circuit #1 Unless
Otherwise Stated
Limits
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
tICRel
Rising and falling edge, RPM = 1000
during initial calibration
gear eccentricity < 0.1 mm
3.0
6.0
°
tRel
Rising mechanical edge
after initial calibration, RPM = 1000
gear eccentricity < 0.1 mm
-
0.3
0.6
°
1Relative Timing Accuracy
tRel
Falling mechanical edge
after initial calibration, RPM = 1000
gear eccentricity < 0.1 mm
-
0.5
0.8
°
tAbsRise
Rising mechanical edge
air gap: 1.5mm, temperature: 25°C
RPM: 1000
-
-0.2
-
°
2Absolute Timing Accuracy
tAbsFall
Falling mechanical edge
air gap: 1.5mm, temperature: 25°C
RPM: 1000
-
+0.6
-
°
3Phase Delay
tRelSpeed
After initial calibration
air gap: 1.5 mm, temperature: 25°C
-
6.66
-
x 10
-5°
/ RPM
4TPOS Air Gap Min
ATS672LSB – LT and HT
AGMin
Valleys may be detected as teeth:
incorrect TPOS
-
-
0.5
mm
5TPOS Air Gap Range
ATS672LSB – LT and HT
AGTPOS
Distance for correct TPOS functionality
0.5
-
2.25
mm
6TPOS Air Gap Max
ATS672LSB – LT and HT
AGMax
Teeth may be detected as a valley:
incorrect TPOS
2.25
-
5.0
mm
Operational Air Gap Range
AG
Output switching: running mode only
0.5
-
2.25
mm
Edge Repeatability
tθE
360° repeatability, 1000 edges
0.04
°
1 Relative Timing Accuracy Range is the change in edge position over the operational air gap and temperature range that
can be expected from a single device. This does not include part-to-part variation.
2 The Typical Absolute Timing Accuracy is the difference between the target mechanical edge (rising or falling) and the
corresponding sensor electrical edge.
3 Phase Delay is the change in edge position over the operational RPM range that can be expected from a single device.
This does not include part-to-part variation or variation due to temperature.
4 The TPOS Air Gap Min is the Installation Air Gap where the device may detect Valleys as Teeth. The True Power On
Function is NOT guaranteed to operate.
5 The TPOS Air Gap Range is the Installation Air Gap Range where the True Power On Function is guaranteed to
operate. Operating is defined as correctly detecting a tooth when powered up over a tooth and correctly detecting a valley
when powered up over a valley using the Reference Target. This specification is only valid for targets that meet or
exceed the ‘Gear Parameters for Correct TPOS Operation’ section of this document.
6 The TPOS Air Gap Max is the Installation Air Gap where the device may detect a Tooth as a Valley. The True Power On
Function is NOT guaranteed to operate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com