Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS672LSB-HT Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ATS672LSB-HT
Description  Self-Calibrating TPO Gear-Tooth Sensor with 9-Bit Signal Capture
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS672LSB-HT Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ATS672LSB-HT Datasheet HTML 4Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 5Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 6Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 7Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 8Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 9Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 10Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 11Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ATS672LSB
SELF-CALIBRATING TPOS GEAR-TOOTH SENSOR WITH 9-BIT SIGNAL CAPTURE
Preliminary – Subject to Change
Rev. 1.2 May 1, 2002
Page 10 of 12
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 1993, 1995 Allegro MicroSystems, Inc.
EMC CAPABILITY
All EMC tests shall be conducted at 23±5°C
Test Name
Reference Specification
Circuit Parameters
Performance
ISO 7637-1, Test Level
I
II
III
IV
Inductive transient
ISO 7637-1, Test pulse 1
Test circuit #1
-
-
-
C
Inductive transient
ISO 7637-1, Test pulse 2
Test circuit #1
-
-
-
C
Switching transients
ISO 7637-1, Test pulses 3a & 3b
Test circuit #1
-
-
-
A
Low voltage drop-out
ISO 7637-1, Test pulse 4
Test circuit #1
-
-
-
A
Load dump transient
ISO 7637-1, Test pulse 5
Test circuit #1
A
C
1C
E
Starting transient
ISO 7637-1, Test pulse 6
Test circuit #1
-
-
1C
E
Power-off transient
ISO 7637-1, Test pulse 7
Test circuit #1
-
-
-
C
ESD – Human Body
Model (HMB)
AEC-Q100-002
No additional components
Passes to +/- TBD
ESD – Machine Model
(MM)
AEC-Q100-003
No additional components
Passes to +/- TBD
Direct RF Injection
ISO 11452-7
Test circuit #1
TBD
Bulk Current Injection
ISO 11452-4
Test circuit #1
TBD
TEM Cell
ISO 11452-3
Test circuit #1
Passes to 200 V/m
Test circuits for electromagnetic compatibility and Typical Operating Schematic
Test circuit 1
1 Additional protection circuitry is required to protect the device from destruction above this voltage level.
1.2 k
Ω
V
emc
Vs
1
R
L
100
Ω
2
4
GND
R
S
5 V
3 (Must be Grounded)
0.1
µF
120 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com