Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS672LSB-HT Datasheet(PDF) 11 Page - Allegro MicroSystems

Part # ATS672LSB-HT
Description  Self-Calibrating TPO Gear-Tooth Sensor with 9-Bit Signal Capture
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS672LSB-HT Datasheet(HTML) 11 Page - Allegro MicroSystems

Back Button ATS672LSB-HT Datasheet HTML 4Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 5Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 6Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 7Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 8Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 9Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 10Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 11Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ATS672LSB
SELF-CALIBRATING TPOS GEAR-TOOTH SENSOR WITH 9-BIT SIGNAL CAPTURE
Preliminary – Subject to Change
Rev. 1.2 May 1, 2002
Page 11 of 12
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 1993, 1995 Allegro MicroSystems, Inc.
Power Derating Curve: ATS672LSB Package
Power Derating
Due to internal power consumption, the temperature of the
IC (junction temperature, Tj) is higher than the ambient
environment temperature, Ta. To ensure that the device
does not operate above the maximum rated junction
temperature use the following calculations:
∆T=PD * RθJA
Where PD=Vcc * Icc
∴ ∆T=Vcc * Icc * RθJA
Where
∆T denotes the temperature rise resulting from the
IC’s power dissipation:
TJ = TA + ∆T
RθJA =150°C/W TJ(max) = 170°C
Typical TJ Calculation:
TA =25°C, Vcc=5 V, Icc(On)=6.5 mA
PD=Vcc * Icc
PD= 5 V * 6.5 mA = 32.5 mW
∆T=PD* RθJA = 32.5 mW * 150°C/W = 4.9°
TJ = TA + ∆T = 25°C + 4.9°C = 29.9°C
Maximum Allowable Power Dissipation Calculation
TJ = TA + ∆T
TJ (max) = 170°C, if TA=160°C then:
170 = 160 +
∆T
∆T = 10°C
∆T = PD* RθJA (RθJA = 150°C/W)
∴ PD(max) = 10°C / 150°C/W = 66.6 mW @ TA = 160°C
Maximum Vcc for PD(max) =111 mW at TA=160°C
PD=Vcc * Icc Icc = 10 mA (max) at 160°C
Vcc = PD / Icc = 66.6 mW / 10 mA = 6.66 V
Maximum Power Dissipation vs. Ambient Temperature
SB Package: Thermal Resistance: 150°C/Watt
0
100
200
300
400
500
600
700
800
900
1000
20
30
40
50
60
70
80
90
100 110 120 130 140 150 160 170
Ambient Temperature [°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com