Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS672LSB-HT Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # ATS672LSB-HT
Description  Self-Calibrating TPO Gear-Tooth Sensor with 9-Bit Signal Capture
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS672LSB-HT Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button ATS672LSB-HT Datasheet HTML 4Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 5Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 6Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 7Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 8Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 9Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 10Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 11Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ATS672LSB
SELF-CALIBRATING TPOS GEAR-TOOTH SENSOR WITH 9-BIT SIGNAL CAPTURE
Preliminary – Subject to Change
Rev. 1.2 May 1, 2002
Page 8 of 12
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 1993, 1995 Allegro MicroSystems, Inc.
MECHANICAL INFORMATION
Component
Material
Function
Value
SmCo – R22
8 mm D x
4 mm L
Sensor Package
Material
Thermoset epoxy
Max. temperature
170°C
1
Leads
Copper, 0.016” dia, 0.050” spacing
Lead Coating
Solder, tin / lead 90/10
2
1 Temperature excursions of up to 225°C for 2 minutes or less are permitted.
2 All industry accepted soldering techniques are acceptable for this sub-assembly as long as the indicated maximum
temperatures for each component are not exceeded.
DEVICE QUALIFICATION PROGRAM
Test Name
Test Conditions
Test Length # of Lots Sample / lot
Comments
High Temperature
Operating Life
AEC-Q100 #2 (JA108)
Ta = 150°C, Tj = 165°C
408 hrs
3
77
High Temperature Bake
AEC-Q100 #3 (JA103)
Ta = 170°C
1000 hrs
3
77
Temperature Humidity
Bias
AEC-Q100 #5 (JA101)
85°C/85%RH
1008 hrs
3
77
Autoclave
AEC-Q100 #6 (JA102)
96 hrs
3
77
Temperature Cycling
AEC-Q100 #7(JA104)
500 cycles
3
77
-65°C to +160°C, 30 sec.
transition, 30 minute dwell
ESD
AEC-Q100 #20 (AEC-Q100-
002, AEC-Q100-003)
-
1
3/model/step HBM & MM
Early Life Failure Rate
AEC-Q100 #25 (AEC-Q100-
008)
150°C/24 hrs
3
800
Thermal Shock
-40°C to +150°C, 1 minute
transition, 10 minute dwell
100 cycles
3
77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com