Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATS672LSB-HT Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # ATS672LSB-HT
Description  Self-Calibrating TPO Gear-Tooth Sensor with 9-Bit Signal Capture
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS672LSB-HT Datasheet(HTML) 3 Page - Allegro MicroSystems

  ATS672LSB-HT Datasheet HTML 1Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 2Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 3Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 4Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 5Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 6Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 7Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 8Page - Allegro MicroSystems ATS672LSB-HT Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ATS672LSB
SELF-CALIBRATING TPOS GEAR-TOOTH SENSOR WITH 9-BIT SIGNAL CAPTURE
Preliminary – Subject to Change
Rev. 1.2 May 1, 2002
Page 3 of 12
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
Copyright © 1993, 1995 Allegro MicroSystems, Inc.
Limits
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
SWITCH POINT CHARACTERISTICS
Tooth Speed
Smax
0
8.0
kHz
Bandwidth
f-3db
40
kHz
Operate Point
Bop%
% of peak to peak referenced to tooth
signal, AG < Agmax;
+30
%
Release Point
Brp%
% of peak to peak referenced to tooth
signal, AG < Agmax;
+40
%
Over valley
HIGH
Output Polarity
ATS672LSB-LN (no TPOS)
ATS672LSB-LT (with TPOS)*
VOUT
Over tooth
LOW
Over valley
LOW
Output Polarity
ATS672LSB-HN (no TPOS)*
ATS672LSB-HT (with TPOS)*
VOUT
Over tooth
HIGH
* Restrictions on availability may apply.
Calibration
Initial Calibration
CI
Number of rising mechanical edges for
accurate edge detection
3
Edges
AGC Disable
Cf
Number of rising mechanical edges
required to complete AGC calibration
3
Edges
Tooth Signal
Valley Signal
100%
Brp%
Bop%
Brp%
Bop%
Switchpoints



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com