Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM562AP Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # DM562AP
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM562AP Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button DM562AP Datasheet HTML 7Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 8Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 9Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 10Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 11Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 12Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 13Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 14Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
DM562AP
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
Preliminary
11
Version: DM562AP-DS-P02
March 05, 2004
DM6588A Pin Description-ISA Interface only
Pin No.
Pin Name
I/O
Description
2-5,
9-12
UD0-UD3,
UD4-UD7
I/O
Data Bus Signal:
These signals are connected to the data bus of the PC (or Host) I/O.
They are used to transfer data between the PC and the DM6588A.
22-24
UA0-UA2
I
System Address:
These signals are connected to the bus of PC (or Host) I/O. They are used to
select the DM6588A offset UART I/O address.
29
/IOWB
I
I/O Write:
An active low input signal used to write data to the DM6588A.
30
/IORB
I
I/O Read:
An active low input signal used to read data from the DM6588A.
31
/CSN
I
Address Enable:
This is an active low signal to enable the system address for DM6588A.
36
/RST
I
Reset:
An active low signal used to reset the DM6588A.
78
IRQ
O
Interrupt Request:
The active pin will go high when an interrupt request is generated from the
DM6588A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com