Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM562AP Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # DM562AP
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM562AP Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button DM562AP Datasheet HTML 18Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 19Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 20Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 21Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 22Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 23Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 24Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 25Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
DM562AP
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
22
Preliminary
Version: DM562AP-DS-P02
March 05, 2004
10. Micro-controller Control Register for PCI
interface
PCI Vender ID Low Byte Data Port: Address F800H
(pci only)
Write only
This port configures PCI Vender ID low byte.( Offset
00 of PCI configuration register space)
PCI Vender ID High Byte Data Port: Address
F801H (pci only)
Write only
This port configures PCI Vender ID high byte.
(Offset 01 of PCI configuration register space)
PCI Device ID Low Byte Data Port: Address F802H
Write only
This port configures PCI Device ID low byte. (Offset
02 of PCI configuration register space)
PCI Device ID High Byte Data Port: Address F803H
Write only
This port configures PCI Device ID low byte.( Offset
00 of PCI configuration register space)
PCI Subsystem Vender ID Low Byte Data Port:
Address F804H (pci only)
Write only
This port configures PCI Subsystem Vender ID low
byte. (Offset 2C of PCI configuration register space)
PCI Subsystem Vender ID High Byte Data Port:
Address F805H (pci only)
Write only
This port configures PCI Subsystem Vender ID high
byte. (Offset 2D of PCI configuration register space)
PCI Subsystem Device ID Low Byte Data Port:
Address F806H
Write only
This port configures PCI Subsystem Device ID low
byte. (Offset 2E of PCI configuration register space)
PCI Subsystem Device ID High Byte Data Port:
Address F807H
Write only
This port configures PCI Subsystem Device ID low
byte. (Offset 2F of PCI configuration register space)
PCI Power Management New Capability: Address
F808H, Bit 4 (pci only)
Write only
This bit configures if support PCI Power Management.
(Offset 06 bit 4 of PCI configuration register space)
PCI Power Management Power State:
Address F809H, Bit[1..0] (pci only)
Write / Read
These bits configures PCI Power management Power
State. (Offset 54 bit [1..0] of PCI configuration
register space)
PCI Power Management PME_STATUS:
Address F80AH, Bit 1
Write only
This bit configures PCI Power status. (Offset 55 bit 7
of PCI configuration register space)
PCI Power Management PME_EN:
Address F80AH, Bit 0
Write only
This bit configures PCI if enable PME wake up (Offset
55 bit 0 of PCI configuration register space)
PCI PME_D3_Support:
Address F80BH, Bit 0
Write only
This port configures PCI if support PME wake up at
D3 state. (Offset 53 bit [8..7] of PCI configuration
register space)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com