Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM562AP Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # DM562AP
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM562AP Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button DM562AP Datasheet HTML 19Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 20Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 21Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 22Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 23Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 24Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 25Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 26Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
DM562AP
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
Preliminary
23
Version: DM562AP-DS-P02
March 05, 2004
11. PCI Configuration Register Definition
The definitions of PCI Configuration Registers are
based on the PCI specification revision 2.1 and
provides the initialization and configuration
information to operate the PCI interface in the
DM6588A. All registers can be accessed with byte,
word, or double word mode. As defined in PCI
specification 2.1, read accesses to reserve or
unimplemented registers will return a value of “0.”
These registers are to be described in the following
sections.
PCI Configuration Registers Mapping :
Description
Identifier
Address
Offset
Value of Reset
Identification
PCIID
00H
6588A1282H
Command & Status
PCICS
04H
04100001H
Revision
PCIRV
08H
07000210H
Miscellaneous
PCILT
0CH
00000000H
I/O Base Address
PCIIO
10H
XXXXXXXx001
Reserved
--------
14H - 28H
Subsystem Identification
PCISID
2CH
undefined
Capability Pointer
CAP_PTR
34H
00000050H
Reserved
--------
38H
Interrupt & Latency
PCIINT
3CH
281401XXH
Power Management Register
PMR
50H
00110001H
Power Management Control &
Status
PMCSR
54H
00000000H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com