Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM562AP Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # DM562AP
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM562AP Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button DM562AP Datasheet HTML 13Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 14Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 15Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 16Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 17Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 18Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 19Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 20Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
DM562AP
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
Preliminary
17
Version: DM562AP-DS-P02
March 05, 2004
Bit2: fram ready flag (read only)
1:CRC check ok.
0:CRC check fail.
Bit3: In
_ buffer empty flag
1:In
_ buffer empty (clear automatically by a
write to In
_buffer)
0:In
_ buffer not empty
Bit7: reset bit (write only)
1:software reset
CRCL register: Address DC0AH (read only)
CRCH register: Address DC0BH (read only)
8. Micro-controller Control Register for Internal
Mode
UART Clock (internal mode only)
The internal clock of the virtual UART logic is fixed at
1.8432MHz. The clock is derived from an external
30MHz crystal. The UART 1.8432MHz clock will be
obtained by division. When the operating frequency of
the DM6588A controller changes, the divider should
be changed accordingly. This divider is specified by
the Configuration Register which can be written by the
DM6588A controller. The address mapping of the
register is D400H: (DM6588A controller memory
mapping)
Bit 0: Always 0.
Bit 6-1: define the clock divider range from 2 to 64
(even number).
Bit 7: Not used.
UART Clock Register: ( internal mode only )
Address D400H Reset State: 06H
Write Only
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
X
dat6 dat5 dat4 dat3 dat2 dat1
0
UART Baud Generator Divisor Latch Register:
Address EC00H ( internal mode only )
Read only
bit7 bit6 bit5 bit4 bit3 Bit2 bit1 bit0
dat7 dat6 dat5 dat4 dat3 Dat2 dat1 dat0
By reading this register, the micro-controller can
monitor the value of the low byte divisor latch of the
virtual UART baud generator (see DLL in next section)
and determine the baud rate clock itself.
Modem Status Control Register (MSCR):
Address E000H ( internal mode only )
Write only
bit7 bit6 bit5 bit4 bit3 bit2 bit1
bit0
0
0
0
0
/CTS /DSR /DCD
/RI
This register contains information about the line status
of the modem. The available signals are Ring Detect
(/RI), Carrier Detect (/DCD), Data Set Ready (/DSR)
and Clear To Send (/CTS).
9. Host Control Register for Virtual 16550A UART
(internal mode only)
Receiver Buffer (Read), Transmitter Holding
Register (Write): Address: 0 (DLAB=0)
Reset State 00h
bit7 bit6 bit5 bit4 bit3 Bit2 bit1 Bit0
dat7 dat6 dat5 dat4 dat3 Dat2 dat1 Dat0
When this register address is read, it contains the
parallel received data. Data to be transmitted is
written to this register.
Interrupt Enable Register (IER): Address 1
Reset State 00h, Write Only
bit7 Bit
6
bit
5
bit4
bit3
bit2
bit1
bit0
0
0
0
0
Enable
Modem
Status
Intr
Enable
Line
Status
Intr
Enable
TX
Holding
Register
Intr
Enable
RX
Data
Intr
This 8-bit register enables the four types of interrupts
as described below. Each interrupt source can
activate the INT output signal if enabled by this
register. Resetting bits 0 through 3 will disable all
UART interrupts.
Bit 0: This bit enables the Received Data Available
and timeout interrupts in the FIFO mode when
set to logic 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com