Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM562AP Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DM562AP
Description  V.90 Integrated Data/ Fax/Voice/Speakerphone Modem Device Single Chip with Memory Built in
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM562AP Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DM562AP Datasheet HTML 1Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 2Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 3Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 4Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 5Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 6Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 7Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 8Page - List of Unclassifed Manufacturers DM562AP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
DM562AP
V.90 Integrated Data/ Fax/Voice/Speakerphone
Modem Device Single Chip with Memory Built in
4
Preliminary
Version: DM562AP-DS-P02
March 05, 2004
Chip 1:Integrated Processor Unit with PnP
DM6588A Description
The DM6588A Modem Control Unit is designed for
use in high speed internal and external modem
applications. The DM6588A incorporates a 80C32
micro-controller, a virtual 16550A UART with FIFO
mode, and Plug & Play control logic.
The DM6588A MCU performs general modem
control functions, and is also designed to provide
Plug and Play capability for PCI bus systems.
DM6588A Block Diagram
8032
Micro-Controller
I/O Control Logic
Virtual 16550
UART
PC Data Bus
IRQ & R/W Control
RS 232 Interface
Mode Selection
External ROM
Interface
Modem Control
Interface
PC Address Bus
PnP Control
Logic
ISA Interface
PCI Interface
DM6588A Features
Control interface support
Supports parallel and serial interfaces
Includes a 80C32 micro-controller
256K bytes maximum external program memory
64K bytes data memory built in
Provides automatic Plug and Play or software
configuration capabilities
Virtual 16550A UART compatible parallel
interface
Fully programmable serial interface:
- 6, 7 or 8-bit characters
- Even, odd, mark and none parity bit
generation and detection
- 1 and 2 stop bit generation
- Baud rate generation
- Includes I/O control logic for modem control
interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com