Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4216IDE Datasheet(PDF) 17 Page - Linear Technology

Part # LTC4216IDE
Description  Ultralow Voltage Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4216IDE Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC4216IDE Datasheet HTML 13Page - Linear Technology LTC4216IDE Datasheet HTML 14Page - Linear Technology LTC4216IDE Datasheet HTML 15Page - Linear Technology LTC4216IDE Datasheet HTML 16Page - Linear Technology LTC4216IDE Datasheet HTML 17Page - Linear Technology LTC4216IDE Datasheet HTML 18Page - Linear Technology LTC4216IDE Datasheet HTML 19Page - Linear Technology LTC4216IDE Datasheet HTML 20Page - Linear Technology LTC4216IDE Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
LTC4216
4216f
17
For example, if ILOAD(MAX) = 5A, RSENSE = 4.3mΩ. The
nearest standard value is 4mΩ.
For proper circuit breaker operation, kelvin-sense PCB
connections between the sense resistor and the LTC4216’s
SENSEP and SENSEN pins are strongly recommended.
Figure 12 illustrates the correct way of making connections
between the LTC4216 and the sense resistor. PCB layout
should be balanced and symmetrical to minimize wiring
errors. In addition, the PCB layout for the sense resistor
should include good thermal management techniques for
optimal sense resistor power dissipation.
The power rating of the sense resistor should accom-
modate the fault current level during analog current limit
so that the component is not damaged before the circuit
breaker trips.
Circuit Breaker Trip Current Calculation
For a selected RSENSE value, the typical load current that
trips the circuit breaker is given by:
I
V
R
mV
R
TRIP TYP
CB TH TYP
SENSE TYP
SENSE TYP
()
(,
)
()
()
=
∆
=
25
(13)
The minimum load current that trips the circuit breaker
is given by:
I
V
R
mV
R
TRIP MIN
CB TH MIN
SENSE MAX
SENSE MAX
()
(,
)
()
()
.
=
∆
=
21 5
(14)
Figure 12. Making PCB Connections to the Sense Resistor
TO
SENSEP
W
TO
SENSEN
TRACK WIDTH W:
0.03˝ PER AMPERE
ON 1OZ COPPER
CURRENT FLOW
TO LOAD
SENSE RESISTOR
CURRENT FLOW
TO LOAD
4216 F12
where
RR
R
SENSE MAX
SENSE TYP
TOL
()
(
) •
=+
⎛
⎝⎜
⎞
⎠⎟
1
100
The maximum load current that trips the circuit breaker
is given by:
I
V
R
mV
R
TRIP MAX
CB TH MAX
SENSE MIN
SENSE MIN
()
(,
)
()
()
.
=
∆
=
28 5
where
(15)
RR
R
SENSE MIN
SENSE TYP
TOL
()
(
) •–
=
⎛
⎝⎜
⎞
⎠⎟
1
100
For example, if a sense resistor of 4mΩ ± 1% RTOL is used
for current sensing, the typical trip current, ITRIP(TYP) =
6.25A. From Equations (14) and (15), ITRIP(MIN) = 5.3A
and ITRIP(MAX) = 7.2A respectively.
For proper operation and to avoid tripping the circuit breaker
unnecessarily, the minimum trip current, ITRIP(MIN), must
exceed the maximum operating load current of the circuit
connected to the output of the MOSFET.
MOSFET Selection
The external MOSFET switch must have adequate safe
operating area (SOA) to handle short-circuit conditions
before the circuit breaker trips. These considerations
take precedence over continuous drain current ratings. A
MOSFET with adequate SOA for a given application can
always handle the required drain current, but the opposite
may not be true. Consult the manufacturer’s MOSFET
datasheet for safe operating area and effective transient
thermal impedance curves.
MOSFET selection is a 3-step process by assuming the
absence of a soft-start capacitor. First, RSENSE is chosen
and then the time required to charge the load capacitance
is determined. This timing, along with the maximum short-
circuit current and maximum load supply voltage, defines
an operating point that is checked against the MOSFET’s
SOA curve.
In addition, consider three other key parameters:
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com