Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4216IDE Datasheet(PDF) 21 Page - Linear Technology

Part # LTC4216IDE
Description  Ultralow Voltage Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4216IDE Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC4216IDE Datasheet HTML 16Page - Linear Technology LTC4216IDE Datasheet HTML 17Page - Linear Technology LTC4216IDE Datasheet HTML 18Page - Linear Technology LTC4216IDE Datasheet HTML 19Page - Linear Technology LTC4216IDE Datasheet HTML 20Page - Linear Technology LTC4216IDE Datasheet HTML 21Page - Linear Technology LTC4216IDE Datasheet HTML 22Page - Linear Technology LTC4216IDE Datasheet HTML 23Page - Linear Technology LTC4216IDE Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC4216
4216f
21
⎯R⎯E⎯S⎯E⎯T high when VOUT rises above 4.5V. Transient volt-
age suppressor, Z1, and snubber network, RX and CX,
connected at SENSEP pin are highly recommended to
protect the 5V supply system from ringing and voltage
spikes during a fault condition. The RC network, RY and
CY, connected at the VCC pin, allows the LTC4216 bias
supply to ride out supply glitches during a fault condition
or adjacent board shorts.
Auto-Retry after a Fault
As shown in Figure 18, the LTC4216 can be configured to
automatically retry after a fault condition by connecting
both the ⎯F⎯A⎯U⎯L⎯T and ON pins together with an RC network.
The network has a pull-up resistor, RAUTO, tied to the load
supply (VIN) and an external capacitor, CAUTO, connected
to ground. The auto-retry circuit will attempt to restart
the LTC4216 after a circuit breaker trip, as shown in the
timing diagram of Figure 19. In addition to the cooling
cycle provided by the TIMER period during auto-retry
sequence, the RC time constant for the ON pin voltage to
reach 0.8V provides additional turn-off time to prevent
the external MOSFET from overheating. The auto-retry
duty cycle is given by:
Duty Cycle
tt
tt
t
t
SS
FILTER
OFF
TIMER
SS
FILTER
≈
+
++
+
•%
100
(20)
where
tTIMER = TIMER period as given by Equation (1);
tOFF = time taken to charge the capacitor, CAUTO, from
⎯F⎯A⎯U⎯L⎯T VOL to VON(TH) threshold (0.8V). As there is an
internal 5µA current source pull-up at the ⎯F⎯A⎯U⎯L⎯T pin, it
SENSEP SENSEN GATE
ON
TIMER
FB
FAULT
RESET
SS
11
10
9
8
7
12
1
4
2
53
6
FILTER
LTC4216
R1
5.62k
1%
R5
39.2k
1%
R7
10k
R4
10k
1%
R2
4.42k
1%
R3
20k 1%
R8
10k
CY
330nF
CX
100nF
LONG
BACKPLANE
CONNECTOR
(FEMALE)
PCB EDGE
CONNECTOR
(MALE)
GND
LONG
SHORT
SHORT
SHORT
C1
10nF
C2
4.7nF
C3
33nF
VOUT
3.3V
5A
VIN
3.3V
ON/RST
ON/OFF
GND
M1
Si4864DY
R6
10k
+
CLOAD
1000
µF
LONG
VCC
5V
FAULT
RESET
µP
LOGIC
4216 F16
VCC
Z1
M2
M3
Z1: SMAJ6.0A
M2, M3: 2N7002K
PCB CONNECTION SENSING
RSENSE
0.004
Ω
RY
22
Ω
RX
10
Ω
Figure 16. PCB Connection Sensing with ON/OFF Control
APPLICATIO S I FOR ATIO
SENSEP SENSEN GATE
ON
FB
FAULT
RESET
SS
11
10
9
8
7
12
1
4
2
53
6
FILTER
LTC4216
R4
64.9k
1%
R6
10k
R3
10k
1%
R1
20k
1%
CY
330nF
CZ
10nF
CX
100nF
R2
80.6k
1%
LONG
SHORT
LONG
BACKPLANE
CONNECTOR
(FEMALE)
PCB EDGE
CONNECTOR
(MALE)
GND
C1
10nF
C2
4.7nF
C3
22nF
VOUT
5V
5A
VIN
5V
GND
M1
Si4864DY
R5
10k
+
CLOAD
470
µF
FAULT
RESET
µP
LOGIC
4216 F17
VCC
Z1: SMAJ6.0A
TIMER
Z1
RSENSE
0.004
Ω
RZ
100
Ω
RY
22
Ω
RX
10
Ω
Figure 17. 5V Hot Swap Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com