Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4216IDE Datasheet(PDF) 18 Page - Linear Technology

Part # LTC4216IDE
Description  Ultralow Voltage Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4216IDE Datasheet(HTML) 18 Page - Linear Technology

Back Button LTC4216IDE Datasheet HTML 14Page - Linear Technology LTC4216IDE Datasheet HTML 15Page - Linear Technology LTC4216IDE Datasheet HTML 16Page - Linear Technology LTC4216IDE Datasheet HTML 17Page - Linear Technology LTC4216IDE Datasheet HTML 18Page - Linear Technology LTC4216IDE Datasheet HTML 19Page - Linear Technology LTC4216IDE Datasheet HTML 20Page - Linear Technology LTC4216IDE Datasheet HTML 21Page - Linear Technology LTC4216IDE Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
LTC4216
4216f
18
1. Maximum drain-to-source voltage, VDS(MAX)
The VDS(MAX) rating must exceed the maximum load sup-
ply voltage including spikes and ringing.
2. Gate-to-source voltage, VGS, overdrive
The absolute maximum rating for VGS is typically ±8V for
“logic level” and “sub-logic level” MOSFETs.
3. Drain-to-source resistance, RDS(ON)
The RDS(ON) should be low for low-voltage applications
to allow its drain-to-source voltage, VDS(ON), to be a very
small percentage of the supply voltage.
To begin a design, first specify the maximum operating load
current and load capacitance. Calculate the RSENSE value
from Equation (12). The minimum trip current, ITRIP(MIN),
given by Equation (14) should be set to accommodate the
maximum operating load current.
During the start-up cycle, the LTC4216 may operate the
MOSFET in analog current limit, forcing ΔVACL(TH) between
32mV to 48mV across RSENSE.Theminimuminrushcurrent
given by Equation (16) is calculated using the minimum
ΔVACL(TH) and maximum RSENSE value.
I
V
R
mV
R
INRUSH MIN
ACL TH MIN
SENSE MAX
SENSE MAX
()
(,
)
()
()
=
∆
=
32
(16)
The maximum short-circuit current given by Equation (17)
is calculated using the maximum ΔVACL(TH) and minimum
RSENSE value.
I
V
R
mV
R
SHORT CIRCUIT MAX
ACL TH MAX
SENSE MIN
SENSE MIN
−
=
∆
=
()
(,
)
()
()
48
(17)
Select the FILTER capacitor, C3, based on the slowest
expected charging rate; otherwise, FILTER might time-out
before the load capacitor is fully charged. A value for C3
is calculated based on the maximum time it takes the load
capacitor, CLOAD, to charge to its maximum value of load
supply (VIN(MAX)). That time is given by:
t
CV
I
CHARGE LOAD
LOAD
IN MAX
INRUSH MIN
()
()
()
•
=
(18)
Rearranging Equation (2) for the circuit breaker response
time, the FILTER capacitor, C3, is given by:
C
ts
A
V
CHARGE LOAD
3
20
60
1 253
=
µµ
(–
)•
.
()
(19)
Returning to Equation (2), the circuit breaker response time
is calculated with a chosen C3 and used in conjunction
with VIN(MAX) and ISHORT-CIRCUIT(MAX) to check the SOA
curves of a prospective MOSFET.
As a numerical design example for the Typical Application,
consider VIN(MAX) = 1.8V + 5%, maximum operating load
current = 5A, CLOAD = 1000µF. Equation (12) gives RSENSE
= 4.3mΩ. Choose RSENSE = 4mΩ ± 1% tolerance. From
Equations (14) and (16), ITRIP(MIN) = 5.3A (> ILOAD(MAX)
= 5A) and IINRUSH(MIN) = 7.9A respectively. Equation (19)
gives C3 = 10nF. To account for errors in C3, FILTER current
(60µA) and FILTER threshold (1.253V), the calculated value
should be multiplied by 1.5, giving the nearest standard
value of C3 = 18nF.
If a short-circuit occurs, a current of up to ISHORT-
CIRCUIT(MAX) = 12.1A will flow through the MOSFET for
400µs as dictated by C3 = 18nF in Equation (2). The
MOSFET must be selected based on this criterion and
checked against the SOA curve.
VCC Supply RC Network
The LTC4216 has two separate pins, VCC and SENSEP, for
supply input and sensing:
1. VCC pin for powering the internal circuitry.
2. SENSEP pin, together with the SENSEN pin, for sens-
ing the current flowing from the load supply through the
external sense resistor and N-channel MOSFET to the
output load.
In most hot swap devices, VCC and SENSEP are one
common pin, providing the device’s supply and external
MOSFET’s current sensing. However, supply dips due to
output-shorts can potentially trigger the device into an
undervoltage lockout condition, causing the device to
disable and its internal latches to reset.
As bypass capacitors are not allowed on the powered
supply side of the external MOSFET switch residing on
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com