Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4216IDE Datasheet(PDF) 20 Page - Linear Technology

Part # LTC4216IDE
Description  Ultralow Voltage Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4216IDE Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC4216IDE Datasheet HTML 16Page - Linear Technology LTC4216IDE Datasheet HTML 17Page - Linear Technology LTC4216IDE Datasheet HTML 18Page - Linear Technology LTC4216IDE Datasheet HTML 19Page - Linear Technology LTC4216IDE Datasheet HTML 20Page - Linear Technology LTC4216IDE Datasheet HTML 21Page - Linear Technology LTC4216IDE Datasheet HTML 22Page - Linear Technology LTC4216IDE Datasheet HTML 23Page - Linear Technology LTC4216IDE Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTC4216
4216f
20
An example with LTC4216 mounted on the backplane is
shown in Figure 15. In this case, the NPN transistor, Q1,
and two resistors, R7 and R8, form the PCB connection
sensing circuit with the ON pin. With the PCB out of the
backplane connector, Q1 base is tied to load supply through
R7, turning Q1 on and pulling the LTC4216’s ON pin low.
The base of Q1 is also wired to the backplane connector
pin. When the PCB is inserted into the backplane, Q1 base
is grounded through a short pin connection on the PCB.
This turns off Q1 and the LTC4216’s ON pin is allowed to
pull high to the load supply through R8, turning it on.
In the previous examples, the PCB connection sensing
circuits are not wired with interrupt capability from the
system controller. As shown in Figure 16, adding logic-
level discrete N-channel MOSFETs, M2 and M3, and a
couple of resistors allow interrupt control to the sensing
circuit. M2 is held on by its gate, pulling high through
R8 to the load supply until the PCB is mated firmly to
the backplane connector. A low logic-level for both the
⎯⎯O⎯N/RST and ⎯O⎯N/OFF signals turns M2 and M3 off, allowing
the ON pin to be pulled high and turning LTC4216 on. A
high logic-level for the ⎯O⎯N/OFF signal turns off the device
and pulls the GATE low. The device is reset by pulling the
⎯O⎯N/RST signal high.
5V Hot Swap Application
Figure 17 shows a hot swap application circuit with VCC
and SENSEP pins connected together to a 5V load supply
(VIN). The resistive divider, R1/R2, sets the undervoltage
threshold for the load supply and allows the system to
start up only after the supply voltage rises above 4V. The
resistive divider, R3/R4, monitors VOUT and signals the
APPLICATIO S I FOR ATIO
Figure 14. Single Channel 1.5V Hot Swap Controller
Figure 15. Hot Swap Controller on Backplane with Staggered Pin Connections
SENSEP SENSEN GATE
TIMER
FB
FAULT
RESET
SS
FILTER
LTC4216
CX
100nF
C4
10nF
R1
20k
1%
R4
13k
1%
R6
10k
R3
10k
1%
R2
3.3k
1%
LONG
BACKPLANE
CONNECTOR
(FEMALE)
PCB EDGE
CONNECTOR
(MALE)
GND
LONG
SHORT
C1
10nF
C2
10nF
C3
68nF
VOUT
1.5V
5A
VCC
3.3V
VIN
1.5V
GND
M1
Si4864DY
R5
10k
+
CLOAD
4700
µF
FAULT
RESET
µP
LOGIC
4216 F14
LONG
11
10
9
8
7
12
1
4
2
53
6
VCC
PCB CONNECTION
SENSING
ON
CY
330nF
RSENSE
0.004
Ω
RY
22
Ω
RX
10
Ω
SENSEP SENSEN GATE
TIMER
FAULT
RESET
FB
SS
FILTER
LTC4216
CY
330nF
R6
10k
R9
100k
CLOAD
1000
µF
VOUT
3.3V
5A
R3
10k
1%
LONG
BACKPLANE
CONNECTOR
(FEMALE)
PCB EDGE
CONNECTOR
(MALE)
GND
LONG
SHORT
SHORT
SHORT
SHORT
C1
10nF
C2
4.7nF
C3
33nF
M1
Si4864DY
R7
10k
R5
10k
FAULT
RESET
4216 F15
11
10
9
8
7
12
1
45
3
6
Q1
2
VCC
ON
R8
10k
+
R4
39.2k
1%
CX
100nF
PCB
CONNECTION
SENSING
VIN
3.3V
Z1
Z1: SMAJ6.0A
Q1: MMBT3904
RSENSE
0.004
Ω
RY
22
Ω
RX
10
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com