Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4216IDE Datasheet(PDF) 19 Page - Linear Technology

Part # LTC4216IDE
Description  Ultralow Voltage Hot Swap Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4216IDE Datasheet(HTML) 19 Page - Linear Technology

Back Button LTC4216IDE Datasheet HTML 15Page - Linear Technology LTC4216IDE Datasheet HTML 16Page - Linear Technology LTC4216IDE Datasheet HTML 17Page - Linear Technology LTC4216IDE Datasheet HTML 18Page - Linear Technology LTC4216IDE Datasheet HTML 19Page - Linear Technology LTC4216IDE Datasheet HTML 20Page - Linear Technology LTC4216IDE Datasheet HTML 21Page - Linear Technology LTC4216IDE Datasheet HTML 22Page - Linear Technology LTC4216IDE Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
LTC4216
4216f
19
Figure 13. Connecting Transient Protection
Devices to the LTC4216’s Load Supply Rail
the plug-in boards, the LTC4216 provides two separate
pins for bias supply input and load supply sensing. With
this configuration, an RC network, RY and CY, shown in
Figure 13, can be used with the VCC pin to ride out supply
glitches during output-shorts or adjacent board shorts.
The RC network shown has a time constant of 7µs and
this is good enough for the supply to ride out most supply
glitches, preventing the device from entering an under-
voltage lockout condition unnecessarily or losing supply
temporarily. When VCC and SENSEP pins are connected
together, the RY value should be chosen such that VCC pin
voltage is lower than SENSEP by 70mV; otherwise, part of
VCC pin current will be diverted through SENSEP pin.
This unique scheme of separating the device’s supply input
and sensing also provides the flexibility of operating the
load supply from ground to its supply rail with a minimum
bias supply voltage of 2.3V. For proper operation, the load
supply is required to be equal to or less than the bias sup-
ply voltage (maximum 6V).
Supply Transients Protection
There are two methods used in most applications to
eliminate supply transients:
1. Transient voltage suppressor to clip the transient to
a safe level.
2. Snubber (series RC) network.
For applications with load supply voltages of 3.3V or
higher, the ringing and overshoot during hot-swap-
ping or output-shorts can easily exceed the absolute
maximum rating of the LTC4216. To minimize the risk,
a transient voltage suppressor and snubber network
are highly recommended at the SENSEP pin. For ap-
plications with load supply voltages of 2.5V or below,
usually a snubber network is adequate to reduce the
supply ringing.
Figure 13 shows the connections of the supply tran-
sient protection devices, Z1, RX and CX, around the
LTC4216. The RC network, RY and CY, at the VCC pin
also serve as a snubber circuit for the load supply (VIN).
On the PCB layout, these transient protection devices
should be mounted very close to the LTC4216’s load
supply rail using short lead lengths to minimize lead
inductance.
SENSEP SENSEN GATE
VCC
GND
GND
FB
FILTER
TIMER
LTC4216**
CY
0.33
µF
CX
0.1
µF
R4
R3
SS
C1
Z1
Z1: SMAJ6.0A
**ADDITIONAL DETAILS
OMITTED FOR CLARITY
C2
M1
C3
VOUT
5V
CLOAD
RSENSE
RY
22
Ω
RX
10
Ω
+
4216 F13
VIN
5V
APPLICATIO S I FOR ATIO
Staggered Pins Connections
The LTC4216 can be used on either the backplane side of
the connector or a printed circuit board, and examples for
both are shown in Figure 14 and 15. Printed circuit board
edge connectors with staggered pins are recommended as
the insertion and removal of circuit boards will sequence
the pin connections. Supplies (VCC and SENSEP) and
ground connections on the printed circuit board should
be wired to the long pins or blades of the edge connector.
Control signal (ON) and status signals (⎯R⎯E⎯S⎯E⎯T and ⎯F⎯A⎯U⎯L⎯T)
passing through the edge connector should be wired to
short pins or blades.
Backplane and PCB Connection Sensing
The LTC4216’s ON pin can be used in various ways to
detect whether the printed circuit board is seated properly
in the backplane connector before the LTC4216 begins a
start-up cycle.
An example is shown in Figure 14, in which the LTC4216
is mounted on the PCB and the R1/R2 resistive divider
is connected to the ON pin. On the edge connector, R2
is wired to a short pin. Before the connectors are mated,
the ON pin is held low by R1, keeping the LTC4216 in an
off state. When the connectors are mated, the resistive
divider is connected to the load supply (VIN) and the ON
pin voltage rises above 0.8V, turning the LTC4216 on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com