Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT702 Datasheet(PDF) 6 Page - Hirose Electric

Part # HT702
Description  Interface Connector for Railway Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT702 Datasheet(HTML) 6 Page - Hirose Electric

  HT702 Datasheet HTML 1Page - Hirose Electric HT702 Datasheet HTML 2Page - Hirose Electric HT702 Datasheet HTML 3Page - Hirose Electric HT702 Datasheet HTML 4Page - Hirose Electric HT702 Datasheet HTML 5Page - Hirose Electric HT702 Datasheet HTML 6Page - Hirose Electric HT702 Datasheet HTML 7Page - Hirose Electric HT702 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
TJ*A Series●Interface Connector for Railway Applications
■Crimp Contact (female)
Part No.
HRS No.
A
B
C
D
Remarks
TJ50A-1618SCA
236-3103-6
2.6
4.1
3.45
4.5
Contact area : Gold 0.76μm
discrete contacts (100 pcs/pack)
TJ50A-2022SCA
236-3104-9
1.9
3.3
2.7
3.35
TJ50A-1618SCFA
Not developed yet.
Please call us.
2.6
4.1
3.45
4.5
Contact area : Gold 0.76μm
end-to-end contacts (4,000 pcs/reel)
TJ50A-2022SCFA
1.9
3.3
2.7
3.35
TJ50A-1618SCA-A
236-3122-0
2.6
2.9
3.45
2.9
Contact area : Gold 0.76μm
discrete contacts (100 pcs/pack)
TJ50A-2022SCA-A
236-3123-0
1.9
2.4
2.7
1.94
■Crimp Contact (male)
BManual Crimp Tools
Part No.
HRS No.
A
B
C
D
Remarks
TJ50A-1618PCA
236-3105-1
2.6
4.1
3.45
4.5
Contact area : Gold 0.76μm
discrete contacts (100 pcs/pack)
TJ50A-2022PCA
236-3106-4
1.9
3.3
2.7
3.35
TJ50A-1618PCFA
Not developed yet.
Please call us.
2.6
4.1
3.45
4.5
Contact area : Gold 0.76μm
end-to-end contacts (4,000 pcs/reel)
TJ50A-2022PCFA
1.9
3.3
2.7
3.35
Tool Frame
* Die set
Upper row : Part No.
Lower row : HRS No.
Applicable Contacts
Applicable Cables
Maker
Part No.
Nominal Cross
Section mm
2
HT702
【250-1001-1】
TJ50A-1618-A
【
250-1023-4】
TJ50A-1618PCA
TJ50A-1618SCA
Hitachi Metals, Ltd.
HF-WV0
NH-WEX0
1.25
0.75
TJ50A-2022-A
【
250-1024-7】
TJ50A-2022PCA
TJ50A-2022SCA
0.5
NH-WEX0
0.3
TJ50A-17-A
【
250-1033-0】
TJ50A-1618SCA-A
HUBER+SUHNER
RADOX
TENUIS-TW
1
TJ50A-18-A
【
250-1034-0】
0.75
TJ50A-20-A
【
250-1035-0】
TJ50A-2022SCA-A
0.5
* Note : Part numbers listed above are for complete die sets. Spare or replacement parts are on page 7.
Applicable wire
gauge marking
2.15
(B )
(A)
2.25
2.15
Applicable wire
gauge marking
0.7
2.25
1.35
2.15
(A)
(B)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com