Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT702 Datasheet(PDF) 1 Page - Hirose Electric

Part # HT702
Description  Interface Connector for Railway Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT702 Datasheet(HTML) 1 Page - Hirose Electric

  HT702 Datasheet HTML 1Page - Hirose Electric HT702 Datasheet HTML 2Page - Hirose Electric HT702 Datasheet HTML 3Page - Hirose Electric HT702 Datasheet HTML 4Page - Hirose Electric HT702 Datasheet HTML 5Page - Hirose Electric HT702 Datasheet HTML 6Page - Hirose Electric HT702 Datasheet HTML 7Page - Hirose Electric HT702 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2016.12
w
1
Interface Connector for Railway Applications
TJ*A Series
One touch locking design provides a clear tactile
click and simplified operations.
The slide lock is designed to prevent inadvertent unlocking.
Press contact-pin with sufficient mating guide
The 2 point contact structure
■General
TJ*A series interface connectors for railway car stock
applications.
It can be attached to 3U4HP size panels for VME rack or
Compact PCI rack. PCB mount type and in-line type are
available. Suitable for use with 16 to 22AWG wire.
■Features
1. One-Touch Locking system
A one-touch locking structure that delivers a simple, user friendly
operation and emits a clear tactile upon completion. (Fig.1)
2. Lock Hold Slide Button
Our proprietary slide lock design prevents inadvertent
unlocking. The slide lock can be visually inspected to
ensure lock engagement. (Fig.2
)
3. Pressed Contacts
The TJ*A series use a pressed style contact. Two points
of contact are achieved by a spring contact portion and
non-spring contact portion. This realizes space saving and
high reliability. The contact has been designed with tapers
to prevent buckling. Suitable for (16 to 22AWG) wire. (Fig.3
)
4. Two different cable outlet options
There are two directions available for the cable outlets, 45
degree upward or downward.
5. Aluminum Die Cast Cover
Aluminum was selected for the plug side cover due to its
lightweight and EMI performance.
6. Rugged Structure
The PCB type receptacle is designed with screw locations
that allow it to be secured to the PCB or panel. This
feature prevents insertion and extraction stress delivered
to the soldered area. (PCB-mount type only.)
7. Contact Protection
Surrounding structure protects the contacts from possible
dust attachment fallen from the top of the plug during
insertion and extraction for system maintenance.
8. Flexibility and options of our coding key system
Our die cast coding key system offers up to 100
combinations and allows you to use multiple connectors
without the danger of miss-mating.
■Slide Lock
Locked
■Slide Lock
Unlocked
Lever operation
is available
Lever operation
is inaccessible
Taper for easy mating
Sufficient mating guide
Easy
mating!
Red
mark is
visible
Red
mark is
covered
×
Spring Contact
Non-Spring
Contact
Fig.1
Fig.2
Fig.3
In cases where the application will demand a high level of reliability, such as automotive,
please contact a company representative for further information.


Similar Part No. - HT702

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HT702 HIROSE-HT702 Datasheet
1Mb / 12P
High Current Connector
logo
Holtek Semiconductor In...
HT7022A HOLTEK-HT7022A Datasheet
131Kb / 16P
Voltage Detector
January 14, 2003
HT7022A HOLTEK-HT7022A Datasheet
165Kb / 12P
2.2V Voltage Detector
April 20, 2004
HT7022A-1 HOLTEK-HT7022A-1 Datasheet
161Kb / 16P
TinyPower Voltage Detector
January 26, 2006
HT7022A-1 HOLTEK-HT7022A-1 Datasheet
558Kb / 15P
TinyPowerTM Voltage Detector
April 30, 2013
More results

Similar Description - HT702

ManufacturerPart #DatasheetDescription
logo
Shenzhen Sunnyway Batte...
SWR12400 SUNNYWAY-SWR12400 Datasheet
404Kb / 1P
Railway battery
SWR21700 SUNNYWAY-SWR21700 Datasheet
354Kb / 1P
Railway battery
SWR25500 SUNNYWAY-SWR25500 Datasheet
368Kb / 1P
Railway battery
logo
Siemens Semiconductor G...
3RH19211CA10 SIEMENS-3RH19211CA10 Datasheet
1Mb / 76P
Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications
3RT10 SIEMENS-3RT10 Datasheet
1Mb / 76P
Contactors with Extended Tolerance 0.7 ... 1.25 x , for Railway Applications
logo
Power System Technology
FAB0905007 PST-FAB0905007 Datasheet
475Kb / 4P
Power converter for fan mounted in railway applications. Built to meet EN50155
logo
PHOENIX CONTACT
102490 PHOENIX-102490 Datasheet
231Kb / 3P
PLC INTERFACE With Extended Input Voltage and Temperature Range for Railway Applications
103119 PHOENIX-103119 Datasheet
125Kb / 4P
PLC-INTERFACE With 1 PDT Relay for Railway Applications in Accordance With EN 50155, High-current Version
logo
Moxa Inc.
E1500 MOXA-E1500 Datasheet
2Mb / 5P
Ethernet remote I/O for railway applications
logo
E+E Elektronik Ges.m.b....
EE8915 EPLUSE-EE8915 Datasheet
1Mb / 9P
CO2 Sensor for Railway Applications
08-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com