Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT702 Datasheet(PDF) 3 Page - Hirose Electric

Part # HT702
Description  Interface Connector for Railway Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT702 Datasheet(HTML) 3 Page - Hirose Electric

  HT702 Datasheet HTML 1Page - Hirose Electric HT702 Datasheet HTML 2Page - Hirose Electric HT702 Datasheet HTML 3Page - Hirose Electric HT702 Datasheet HTML 4Page - Hirose Electric HT702 Datasheet HTML 5Page - Hirose Electric HT702 Datasheet HTML 6Page - Hirose Electric HT702 Datasheet HTML 7Page - Hirose Electric HT702 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
TJ*A SeriesInterface Connector for Railway Applications
■Product Number Structure
Refer to the chart below when determining the product specifications from the product number.
Please select from the product numbers listed in this catalog when placing orders.
●Receptacle (PCB type)
TJ 10 A − 41 P
(**)
❶❷
●Receptacle (in-line type)
TJ 50 A − 41 P
❶❷
●Plug
TJ 50 A − 41 S − U −
CV
❶❷
Series name
TJ
*A
Wiring style
10
50
Right angle DIP
Crimp type
No. of contacts
28
41
28 contacts
41 contacts
Connector type
P
S
KY
Receptacle connector (male contacts)
Plug connector (female contacts)
Coding key system
Cable outlet direction
U
D
45 degrees upward
45 degrees downward
Clamp metal type
CV
CV1
Standard
For cable tie fixing
Applicable cable type
1618
2022
0.75
∼1.25SQ
(16 to 18AWG)
0.3
∼0.5SQ
(20 to 22AWG)
Contact type
PC
SC
Crimp contact for receptacle (male contact)
Crimp contact for plug (female contact)
Delivery form (Note 1)
None
F
Loose piece contacts (100 pcs/pack)
Reel contacts (4,000 pcs/reel)
Contact plating type
A
Contact area : Gold plating
Serial number
None
A
Standard
For thin cable insulation
Special specifications
None
Contact area : Gold plating thickness 0.76µm
Key type (Note 2)
P*
S*
Male side key (5 types of PA, PB, PC, PD and PE)
Female side key (5 types of SA, SB, SC, SD and SE)
Cap
DC
Cap
Note 1 : If the manual crimp tool is used, make sure you select the loose piece contacts.
Note 2 : All types are compatible regardless of the receptacle or plug.
Make sure that the P (male) and S (female) are paired together, such as the TJ-KY-PA for the receptacle and the TJ-KY-SA for the plug.
■Functional Diagram
●Crimp Contact
TJ 50 A − 1618 SC F A − A
(**)
❶❷
●Coding Key System
TJ − KY − PA
❶❹
●Cap
TJA − P − DC
❶❹
●Coding Key System
 【TJ-KY-**】
●Receptacle (PCB type) 
【TJ10A-**P】
●Plug (upward facing cable outlet)
【TJ50A-41S-U-CV】
●Coding Key System
 【TJ-KY-**】
●Crimp Contact (male)
 【TJ50A-****PC*A】
●Cap
●Receptacle (in-line type)
 【TJ50A-41P】
● Plug(downward facing cable outlet)
 【TJ50A-41S-D-CV】
●Crimp Contact (female)
 【TJ50A-****SC*A】



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com