Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT702 Datasheet(PDF) 2 Page - Hirose Electric

Part # HT702
Description  Interface Connector for Railway Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT702 Datasheet(HTML) 2 Page - Hirose Electric

  HT702 Datasheet HTML 1Page - Hirose Electric HT702 Datasheet HTML 2Page - Hirose Electric HT702 Datasheet HTML 3Page - Hirose Electric HT702 Datasheet HTML 4Page - Hirose Electric HT702 Datasheet HTML 5Page - Hirose Electric HT702 Datasheet HTML 6Page - Hirose Electric HT702 Datasheet HTML 7Page - Hirose Electric HT702 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
TJ*A Series●Interface Connector for Railway Applications
■Product Specifications
Ratings
Voltage
AC/DC 30V, 130V
Op. Temp. Range
-40 to +105ç (Note 2)
Current
4A/pin (Note 1)
With HF-WV0 1.25 sq (16AWG)
Stor. Temp.
Range
-55 to +85ç (Note 3)
Items
Specifications
Conditions
1. Contact resistance
10mø max (Note 4)
Measured at 100mA
2. Insulation resistance
Minimum of 5,000Mø
Measured at DC 500V
3. Withstand voltage
No flashover or breakdown
Apply AC 1,260 V for 1 minute
4. Durability
Contact resistance : Increase by 20mø or less
from the initial value
500 mating cycles
5. Vibration resistance
1) No electric outage of 10µs or more
2) No breakage, cracks or loosened parts
JIS E 4031, Section 1, Grade B
Freq. range : 5-150Hz, Vib. cond. rms : 7.9m/s
2
Test for 5 hours each for 3 axial directions
6. Shock resistance
JIS E 4031, Section 1, Grade B
Acceleration 50m/s
2, duration 30 ms, half-sine
wave, test 3 times each for 3 axial directions
7. Temperature cycles
1) Change of contact resistance : 20mø max
2) No breakage, cracks or loose parts.
Temperature : -40
→ +15 to +35 → +105 → +15 to +35ç
Time : 30
→ 2 to 3 → 30 → 2 to 3 min
Repeat 5 cycles of the above.
8. Moisture-resistance
1) Change of contact resistance : 20mø max
2) Insulation resistance : minimum of 1,000Mø
(after drying)
3) No breakage, cracks or loose parts
Leave in temperature 60 ±2ç, humidity 95% for
96 hours.
(in mated condition)
Note 1 : Depending on PCB design and cables used.
Note 2 : Includs temperature rise caused by current flow.
Note 3 : Packing materials not included. Operating temperature range is applied to storage conditions after mounting the product.
Note 4 : Excluding conductor resistance of the cable.
■Materials / Finish
●Receptacle (PCB type)
Parts
Materials
Color/Finish
Remarks
Insulator
PBT resin
Black
UL94V-0
Contact
Copper alloy
Partially gold plated
−
Insert nut
Copper alloy
Nickel plating
−
Shell
Zinc alloy
Nickel plating
−
●Receptacle (in-line type)
Parts
Materials
Color/Finish
Remarks
Insulator
PBT resin
Black
UL94V-0
Insert nut
Copper alloy
Nickel plating
−
Shell
Zinc alloy
Nickel plating
−
●Plug
Parts
Materials
Color/Finish
Remarks
Insulator
PBT resin
Black
UL94V-0
Cover case
Aluminum alloy
Chrome plating over
Nickel under plating
−
Ground contact
Phosphorous Bronze
Nickel plating
−
Lever
Stainless steel
−
−
Spring
Stainless steel
−
−
Retention plate
Stainless steel
−
−
Clamp metal
Steel
Nickel plating
−
Screw
Steel
Nickel plating
−
●Crimp Contact
Parts
Materials
Color/Finish
Remarks
Crimp contact
Copper alloy
Contact area: Gold plating
Barrel area: Tin plating
−
●Coding Key System
Parts
Materials
Color/Finish
Remarks
Coding key system
Zinc alloy
Nickel plating
−
Screw
Steel
Nickel plating
−
●Cap
Parts
Materials
Color/Finish
Remarks
Cap
PC resin
Black
UL94V-0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com