Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT702 Datasheet(PDF) 8 Page - Hirose Electric

Part # HT702
Description  Interface Connector for Railway Applications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HT702 Datasheet(HTML) 8 Page - Hirose Electric

  HT702 Datasheet HTML 1Page - Hirose Electric HT702 Datasheet HTML 2Page - Hirose Electric HT702 Datasheet HTML 3Page - Hirose Electric HT702 Datasheet HTML 4Page - Hirose Electric HT702 Datasheet HTML 5Page - Hirose Electric HT702 Datasheet HTML 6Page - Hirose Electric HT702 Datasheet HTML 7Page - Hirose Electric HT702 Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
TJ*A Series●Interface Connector for Railway Applications
BRecommended PCB layout Dimensions
(PCB thickness : t= 1.6mm)
●TJ10A-**P
E
Contact No.D
Contact No.14
Contact No.1
E
( 88.9 )
72.1±0.05
58.5±0.05
B±0.05
P= 4.5±0.05
P= 4.5±0.05
A±0.05
2ר2.8
+
0.1
 
0
Part No.
A
B
C
D
TJ10A-28P
−
−
−
28
TJ10A-41P
2.25
56.25
2.5
41
For dimensions in "( )", apply dimensions of Euroboard standards.
BRecommended Panel Dimensions
13.85±0.1
19.4±0.15 (spacer outline)
Panel thickness : A
2ר2.7
+0.05
0
4×R
1±0.05
Part No.
Panel thickness : A
TJ10A-28P
2.5±0.1
TJ10A-41P
TJ50A-41P
2.5 +0.7/-0.2
Note 1 : If the panel thickness is less than what
was described above, then spacers can
be used to adjust the panel thickness.
Note 2 : If conditions exist where EMC/EMI is
required, apply a conductive surface
treatment such as a non-chromate
treatment to the panel surface.
The characteristics and the specifications contained herein are for reference purpose. Please refer to the latest customer drawings prior to use.
The contents of this catalog are current as of date of 12/2016. Contents are subject to change without notice for the purpose of improvements.
2-6-3,Nakagawa Chuoh,Tsuzuki-Ku,Yokohama-Shi 224-8540,JAPAN
TEL: +81-45-620-3526 Fax: +81-45-591-3726
http://www.hirose.com
http://www.hirose-connectors.com
®



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com