Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2519ACBZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # SSM2519ACBZ-R7
Description  Digital Input 2 W Class-D Audio Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2519ACBZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button SSM2519ACBZ-R7 Datasheet HTML 20Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 21Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 22Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 23Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 24Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 25Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 26Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 27Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
Data Sheet
SSM2519
Rev. 0 | Page 25 of 28
VOLUME CONTROL REGISTER
Address: 0x05, Reset: 0x40, Name: VOL_CTRL
Table 21. Bit Descriptions for VOL_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
VOL
Volume control.
0x40
RW
00000000
+24 dB
00000001
+23.625 dB
00000010
+23.35 dB
00000011
+22.875 dB
00000100
+22.5 dB
00000101
Decreasing in 0.375 dB steps
00111111
+0.375 dB
01000000
0
01000001
−0.375 dB
01000010
Decreasing in 0.375 dB steps
11111101
−70.875 dB
11111110
−71.25 dB
11111111
Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com