Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2519ACBZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # SSM2519ACBZ-R7
Description  Digital Input 2 W Class-D Audio Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2519ACBZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button SSM2519ACBZ-R7 Datasheet HTML 20Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 21Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 22Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 23Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 24Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 25Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 26Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 27Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
SSM2519
Data Sheet
Rev. 0 | Page 26 of 28
GAIN AND MUTE CONTROL REGISTER
Address: 0x06, Reset: 0x11, Name: GAIN_CTRL
Table 22. Bit Descriptions for GAIN_CTRL
Bits
Bit Name
Settings
Description
Reset
Access
7
AMUTE
Automatic mute enable. When the automatic mute function is enabled,
after 2048 consecutive zero input samples have been received, the
outputs are automatically muted.
0x0
RW
0
Automute enabled
1
Automute disabled
6
RESERVED
Reserved.
0x0
RW
[5:4]
ANA_GAIN
Analog gain control. This controls the analog gain of the Class-D
modulator. There are two settings optimized for 3.6 V operation from a
lithium ion battery and for 5 V operation.
0x1
RW
00
2 V gain
01
3.6 V gain
10
4.2 V gain
11
5 V gain
[3:1]
RESERVED
Reserved.
0x0
RW
0
M_MUTE
Master mute control. Setting the master mute control bit soft-mutes both
channels.
0x1
RW
0
Normal operation
1
Master mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com