Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2519ACBZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # SSM2519ACBZ-R7
Description  Digital Input 2 W Class-D Audio Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2519ACBZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button SSM2519ACBZ-R7 Datasheet HTML 18Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 19Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 20Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 21Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 22Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 23Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 24Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 25Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
SSM2519
Data Sheet
Rev. 0 | Page 22 of 28
SERIAL AUDIO INTERFACE AND SAMPLE RATE CONTROL REGISTER
Address: 0x02, Reset: 0x02, Name: SAI_FMT1
Table 18. Bit Descriptions for SAI_FMT1
Bits
Bit Name
Settings
Description
Reset
Access
7
RESERVED
Reserved.
0x0
RW
[6:5]
SDATA_FMT
Serial data format.
0x0
RW
00
I2S, BCLK delay by 1
01
Left justified
10
Right justified 24-bit data
11
Right justified 16-bit data
[4:2]
SAI
Serial audio interface format.
0x0
RW
000
Stereo: I2S, LJ, RJ
001
TDM2
010
TDM4
011
TDM8
100
TDM16
101
Mono PCM
110
Reserved
111
Reserved
[1:0]
FS
Sample rate selection.
0x2
RW
00
8 kHz to 12 kHz
01
16 kHz to 24 kHz
10
32 kHz to 48 kHz
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com