Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2519ACBZ-R7 Datasheet(PDF) 23 Page - Analog Devices

Part # SSM2519ACBZ-R7
Description  Digital Input 2 W Class-D Audio Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2519ACBZ-R7 Datasheet(HTML) 23 Page - Analog Devices

Back Button SSM2519ACBZ-R7 Datasheet HTML 19Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 20Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 21Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 22Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 23Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 24Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 25Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 26Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
Data Sheet
SSM2519
Rev. 0 | Page 23 of 28
SERIAL AUDIO INTERFACE CONTROL REGISTER
Address: 0x03, Reset: 0x00, Name: SAI_FMT2
Table 19. Bit Descriptions for SAI_FMT2
Bits
Bit Name
Settings
Description
Reset
Access
7
BCLK_GEN
BCLK internal generation. When BCLK_GEN is enabled, an internally
generated BCLK is used. Therefore, routing the BCLK signal to the pin is
not required.
0x0
RW
0
External BCLK used
1
Internally generated BCLK used
6
LRCLK_MODE
LRCLK mode selection for TDM operation.
0x0
RW
0
50% duty cycle LRCLK
1
Pulse mode LRCLK
5
LRCLK_POL
LRCLK polarity control.
0x0
RW
0
Normal LRCLK operation
1
Inverted LRCLK operation
4
SAI_MSB
SDATA bit stream order.
0x0
RW
0
MSB first SDATA
1
LSB first SDATA
[3:2]
SLOT_WIDTH
BCLK cycles per frame in TDM modes select.
0x0
RW
00
32 BCLK cycles per slot
01
24 BCLK cycles per slot
10
16 BCLK cycles per slot
11
Reserved
1
BCLK_EDGE
BCLK active edge select.
0x0
RW
0
Rising BCLK edge used
1
Falling BCLK edge used
0
RESERVED
Reserved.
0x0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com