Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM2519ACBZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # SSM2519ACBZ-R7
Description  Digital Input 2 W Class-D Audio Power Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2519ACBZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button SSM2519ACBZ-R7 Datasheet HTML 15Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 16Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 17Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 18Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 19Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 20Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 21Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 22Page - Analog Devices SSM2519ACBZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
Data Sheet
SSM2519
Rev. 0 | Page 19 of 28
REGISTER SUMMARY
Table 15. Register Summary
Reg
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
RW
0x00 PWR_CTRL
[7:0]
S_RST
RESERVED
NO_BCLK
MCS
SPWDN
0x05
RW
0x01 SYS_CTRL
[7:0]
HPF_EN
AMP_LPM
DAC_LPM
APWDN_EN
EDGE
AMCS
ASR
0x30
RW
0x02 SAI_FMT1
[7:0]
RESERVED
SDATA_FMT
SAI
FS
0x02
RW
0x03 SAI_FMT2
[7:0]
BCLK_GEN
LRCLK_MODE
LRCLK_POL
SAI_MSB
SLOT_WIDTH
BCLK_EDGE
RESERVED
0x00
RW
0x04 CH_SEL
[7:0]
RESERVED
CH_SEL
0x00
RW
0x05 VOL_CTRL
[7:0]
VOL
0x40
RW
0x06 GAIN_CTRL
[7:0]
AMUTE
RESERVED
ANA_GAIN
RESERVED
M_MUTE
0x11
RW
0x07 FAULT_CTRL1
[7:0]
RESERVED
OC
OT
MRCV
MAX_AR
ARCV
0x0C
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com