Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP6502ASP-13 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP6502ASP-13
Description  SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6502ASP-13 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP6502ASP-13 Datasheet HTML 1Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 2Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 3Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 4Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 5Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 6Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 7Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 8Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AP6502A
Document number: DS35812 Rev. 4 - 2
4 of 14
www.diodes.com
August 2015
© Diodes Incorporated
AP6502A
Electrical Characteristics (VIN = 12V, @TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
IIN
Shutdown Supply Current
VEN = 0V
-
0.3
3.0
µA
IIN
Supply Current (Quiescent)
VEN = 2.0V, VFB = 1.0V
-
0.6
1.5
mA
RDS(ON)1
High-Side Switch On-Resistance (Note 8)
-
-
130
-
mΩ
RDS(ON)2
Low-Side Switch On-Resistance (Note 8)
-
-
130
-
mΩ
ILIMIT
HS Current Limit
Minimum duty cycle
-
4.4
-
A
ILIMIT
LS Current Limit
From Drain to Source
-
0.9
-
A
-
High-Side Switch Leakage Current
VEN = 0V, VSW = 0V,
VSW = 12V
-
0
10
μA
AVEA
Error Amplifier Voltage Gain
(Note 8)
-
-
800
-
V/V
GEA
Error Amplifier Transconductance
ΔIC = ±10µA
-
1,000
-
µA/V
GCS
COMP to Current Sense
Transconductance
-
-
2.8
-
A/V
FSW
Oscillator Frequency
VFB = 0.75V
210
240
260
kHz
FFB
Fold-back Frequency
VFB = 0V
-
0.30
-
fSW
DMAX
Maximum Duty Cycle
VFB = 800mV
-
90
-
%
TON
Minimum On Time
-
-
130
-
ns
VFB
Feedback Voltage
TA = -40°C to +85°C
900
925
950
mV
-
Feedback Overvoltage Threshold
-
-
1.1
-
V
VEN_RISING
EN Rising Threshold
-
0.7
0.8
0.9
V
-
EN Lockout Threshold Voltage
-
2.2
2.5
2.7
V
-
EN Lockout Hysteresis
-
-
220
-
mV
INUVVTH
VIN Undervoltage Threshold Rising
-
3.80
4.05
4.40
V
INUVHYS
VIN Undervoltage Threshold Hysteresis
-
-
250
-
mV
-
Soft-Start Current
VSS = 0V
-
6
-
μA
-
Soft-Start Period
CSS = 0.1µF
-
15
-
ms
TSD
Thermal Shutdown (Note 6)
-
-
+160
-
°C
Note:
8. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com