Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP6502ASP-13 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP6502ASP-13
Description  SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6502ASP-13 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP6502ASP-13 Datasheet HTML 6Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 7Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 8Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 9Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 10Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 11Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 12Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 13Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
AP6502A
Document number: DS35812 Rev. 4 - 2
11 of 14
www.diodes.com
August 2015
© Diodes Incorporated
AP6502A
Application Information (cont.)
PC Board Layout
This is a high switching frequency converter. Hence attention must be paid to the switching currents interference in the layout. Switching current
from one power device to another can generate voltage transients across the impedances of the interconnecting bond wires and circuit traces.
These interconnecting impedances should be minimized by using wide, short printed circuit traces.
52mm
External feedback resistor
dividers must be placed
close to the FB
Input capacitor C1must be placed as
close as possible to the IC and to L1
AP6502ASP-13 is exposed at the bottom of the package and must be soldered directly to a well designed thermal pad on the PCB. This will help
to increase the power dissipation.
External Bootstrap Diode
It is recommended that an external bootstrap diode be added when the input voltage is no greater than 5V or the 5V rail is available in the
system. This helps to improve the efficiency of the regulator. This solution is also applicable for D > 65%. The bootstrap diode can be a low cost
one such as BAT54 or a Schottky that has a low VF.
AP6502A
BST
SW
10nF
BOOST
DIODE
5V
4
3
Figure 7. External Bootstrap Compensation Components
Recommended Diodes:
Part Number
Voltage/Current
Rating
Vendor
B130
30V, 1A
Diodes Inc.
SK13
30V, 1A
Diodes Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com