Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP6502ASP-13 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP6502ASP-13
Description  SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6502ASP-13 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP6502ASP-13 Datasheet HTML 1Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 2Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 3Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 4Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 5Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 6Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 7Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 8Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
AP6502A
Document number: DS35812 Rev. 4 - 2
2 of 14
www.diodes.com
August 2015
© Diodes Incorporated
AP6502A
Pin Descriptions
Pin
Number
Pin
Name
Function
1
BS
High-Side Gate Drive Boost Input. BS supplies the drive for the high-side N-Channel MOSFET switch.
Connect a 0.01µF or greater capacitor from SW to BS to power the high side switch.
2
IN
Power Input. IN supplies the power to the IC, as well as the step-down converter switches. Drive IN with a
4.75V to 23V power source. Bypass IN to GND with a suitably large capacitor to eliminate noise on the input
to the IC. See Input Capacitor.
3
SW
Power Switching Output. SW is the switching node that supplies power to the output. Connect the output LC
filter from SW to the output load. Note that a capacitor is required from SW to BS to power the high-side
switch.
4
GND
Ground (Connect the exposed pad to Pin 4).
5
FB
Feedback Input. FB senses the output voltage and regulates it. Drive FB with a resistive voltage divider
connected to it from the output voltage. The feedback threshold is 0.925V. See Setting the Output Voltage.
6
COMP
Compensation Node. COMP is used to compensate the regulation control loop. Connect a series RC network
from COMP to GND. In some cases, an additional capacitor from COMP to GND is required. See
Compensation Components.
7
EN
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN high to turn on the regulator; low
to turn it off. Attach to IN with a 100kΩ pull up resistor for automatic startup.
8
SS
Soft-Start Control Input. SS controls the soft-start period. Connect a capacitor from SS to GND to set the soft-
start period. A 0.1µF capacitor sets the soft-start period to 15ms. To disable the soft-start feature, leave SS
floating.
EP
EP
EP exposed thermal pad connect to Pin 4 GND.
Functional Block Diagram
E
+
-
+
-
+
-
+
-
+
-
+
1.1V
0.3 V
INTERNAL
REGULATORS
Logic
5V
SHUTDOWN
COMPARATOR
0.9V
+
-
ERROR
AMPLIFIER
LOCKOUT
COMPARATOR
8
7
5
80/240 KHz
OSCILLATOR
CURRENT
SENSE
AMPLIFIER
OVP
RAMP
CLK
CURRENT
COMPARATOR
EN OK
disable
IN < 4.10V
2
1
3
4
6
FB
6uA
EN
COMP
2.5V
SS
0.925 V
GND
SW
BS
IN
130m
Ω
130m
Ω
IN
Figure 3. Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com