Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP6502ASP-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP6502ASP-13
Description  SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6502ASP-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP6502ASP-13 Datasheet HTML 1Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 2Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 3Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 4Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 5Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 6Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 7Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 8Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AP6502A
Document number: DS35812 Rev. 4 - 2
1 of 14
www.diodes.com
August 2015
© Diodes Incorporated
AP6502A
240kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
Description
The AP6502A is a 240kHz switching frequency external compensated
synchronous DCDC buck converter. It has integrated low RDSON high
and low side MOSFETs.
The AP6502A enables continues load current of up to 2A with efficiency
as high as 95%.
The AP6502A features current mode control operation, which enables
fast transient response times and easy loop stabilization.
The AP6502A simplifies board layout and reduces space requirements
with its high level of integration and minimal need for external
components, making it ideal for distributed power architectures.
The AP6502A is available in a standard Green SO-8EP package with
an exposed PAD for improved thermal performance and is RoHS
compliant.
Features
VIN 4.75V to 23V
2A Continuous Output Current, 3A Peak
VOUT Adjustable to 0.925 to 20V
240kHz Switching Frequency
Programmable Soft-Start
Enable Pin
Protection
-
OCP
-
Thermal Shutdown
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen
and Antimony Free. “Green” Device (Note 3)
Pin Assignments
Figure 1. Package Pin Out
Applications
Gaming Consoles
Flat Screen TV Sets and Monitors
Set Top Boxes
Distributed Power Systems
Home Audio
Consumer Electronics
Network Systems
FPGA, DSP and ASIC Supplies
Green Electronics
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl)
and <1000ppm antimony compounds.
Typical Applications Circuit
AP6502A
L1
10
μH
R1
26.1k
Ω
R2
10k
Ω
C5
10nF
C2
2 x 22
μF
C1
10
μF
C4
0.1
μF
ON
OFF
2
IN
8
SS
7
EN
6
COMP
3
SW
1
BST
5
FB
C3
6.8nF
R3
6.8k
Ω
4
GND
INPUT
OUTPUT
VOUT
3.3V
Figure 2. Typical Application Circuit
SO-8EP
(Top View)
1
2
3
4
8
7
6
5
SS
EN
COMP
FB
BS
IN
SW
GND
0
0.4
0.8
1.2
1.6
2
LOAD CURRENT (A)
Efficiency vs. Load Current
L = 10µH
V
= 3.3V
OUT
40
50
60
70
80
90
100
V
= 5V
IN
V
= 12V
IN


Similar Part No. - AP6502ASP-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP6502 DIODES-AP6502 Datasheet
412Kb / 12P
340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 2
AP6502 DIODES-AP6502 Datasheet
499Kb / 14P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 10
AP6502SP-13 DIODES-AP6502SP-13 Datasheet
412Kb / 12P
340kHz 23V 2A SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 2
AP6502SP-13 DIODES-AP6502SP-13 Datasheet
499Kb / 14P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 10
AP6502 DIODES-AP6502_17 Datasheet
499Kb / 14P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 10
More results

Similar Description - AP6502ASP-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3502E DIODES-AP3502E Datasheet
523Kb / 11P
2A SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
AP3502F DIODES-AP3502F Datasheet
519Kb / 11P
SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
AP3503 DIODES-AP3503 Datasheet
421Kb / 10P
SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 2
AP3513E DIODES-AP3513E Datasheet
575Kb / 11P
SYNCHRONOUS DC-DC BUCK CONVERTER
Rev 4
AP6502 DIODES-AP6502_17 Datasheet
499Kb / 14P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 10
AP6503 DIODES-AP6503_17 Datasheet
551Kb / 16P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 7
AP6503A DIODES-AP6503A_17 Datasheet
576Kb / 15P
SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 4
AP65251 DIODES-AP65251 Datasheet
745Kb / 19P
ACOT SYNCHRONOUS DC/DC BUCK CONVERTER
Rev 1
logo
SHOUDING Shouding Semic...
SD8904 SHOUDING-SD8904 Datasheet
1Mb / 12P
Synchronous Buck DC/DC Converter
logo
Shenzhen Huazhimei Semi...
HM3406 HMSEMI-HM3406 Datasheet
285Kb / 13P
Synchronous Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com