Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP6502ASP-13 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # AP6502ASP-13
Description  SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6502ASP-13 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button AP6502ASP-13 Datasheet HTML 5Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 6Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 7Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 8Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 9Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 10Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 11Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 12Page - Diodes Incorporated AP6502ASP-13 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AP6502A
Document number: DS35812 Rev. 4 - 2
9 of 14
www.diodes.com
August 2015
© Diodes Incorporated
AP6502A
Application Information (cont.)
Compensation Components (continued)
Where VFB is the feedback voltage (0.925V), RLOAD is the load resistor value, GCS is the current sense trans-conductance and AVEA is the error
amplifier voltage gain.
The control loop transfer function incorporates two poles, one is due to the compensation capacitor (C3) and the output resistor of error amplifier,
and the other is due to the output capacitor and the load resistor. These poles are located at:
VEA
EA
P1
A
3
C
2
G
f
LOAD
P2
R
2
C
2
1
f
Where GEA is the error amplifier trans-conductance.
One zero is present due to the compensation capacitor (C3) and the compensation resistor (R3). This zero is located at:
3
R
3
C
2
1
fZ1
The goal of compensation design is to shape the converter transfer function to get a desired loop gain. The system crossover frequency where
the feedback loop has the unity gain is crucial.
A rule of thumb is to set the crossover frequency to below one-tenth of the switching frequency. Use the following procedure to optimize the
compensation components:
1. Choose the compensation resistor (R3) to set the desired crossover frequency. Determine the R3 value by the following equation:
FB
OUT
CS
G
EA
FB
OUT
CS
EA
V
V
G
fs
1
.
0
2
C
2
V
V
G
G
fc
2
C
2
3
R
Where fC is the crossover frequency, which is typically less than one tenth of the switching frequency.
2. Choose the compensation capacitor (C3) to achieve the desired phase margin set the compensation zero, fZ1, to below one fourth of the
crossover frequency to provide sufficient phase margin. Determine the C3 value by the following equation:
fc
3
R
2
3
C
Where R3 is the compensation resistor value.
VOUT
(V)
CIN/C1
(µF)
COUT/C2
(µF)
RC/R3
(kΩ)
CC/C3
(nF)
L1
(µH)
1.2
22
47
3.24
6.8
3.3
1.8
22
47
6.8
6.8
3.3
2.5
22
47
6.8
6.8
10
3.3
22
47
6.8
6.8
10
5
22
47
6.8
6.8
10
12
22
47
6.8
6.8
15
Table 2. Recommended Component Selection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com