Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SJ1117-API Datasheet(PDF) 3 Page - KODENSHI_AUK CORP.

Part # SJ1117-API
Description  Adjustable and Fixed Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SJ1117-API Datasheet(HTML) 3 Page - KODENSHI_AUK CORP.

  SJ1117-API Datasheet HTML 1Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 2Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 3Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 4Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 5Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 6Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 7Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 8Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
KSD-I0T005-010
3
SJ1117xxx
◈Ordering Information
Package Type
VOUT
Device Name
Marking
SOT-89
ADJ
SJ1117-AF
S17A
1.2V
SJ1117-12F
S1712
1.5V
SJ1117-15F
S1715
1.8V
SJ1117-18F
S1718
2.5V
SJ1117-25F
S1725
2.85V
SJ1117-285F
S17285
3.3V
SJ1117-33F
S1733
5.0V
SJ1117-50F
S1750
SOT-223
ADJ
SJ1117-AQ
SJ1117A
1.2V
SJ1117-12Q
SJ111712
1.5V
SJ1117-15Q
SJ111715
1.8V
SJ1117-18Q
SJ111718
2.5V
SJ1117-25Q
SJ111725
2.85V
SJ1117-285Q
SJ1117285
3.3V
SJ1117-33Q
SJ111733
5.0V
SJ1117-50Q
SJ111750
TO-252
ADJ
SJ1117-AD
SJ1117AD
1.2V
SJ1117-12D
SJ111712D
1.5V
SJ1117-15D
SJ111715D
1.8V
SJ1117-18D
SJ111718D
2.5V
SJ1117-25D
SJ111725D
2.85V
SJ1117-285D
SJ1117285D
3.3V
SJ1117-33D
SJ111733D
5.0V
SJ1117-50D
SJ111750D
TO-220F-3L
ADJ
SJ1117-API
SJ1117API
1.2V
SJ1117-12PI
SJ111712PI
1.5V
SJ1117-15PI
SJ111715PI
1.8V
SJ1117-18PI
SJ111718PI
2.5V
SJ1117-25PI
SJ111725PI
2.85V
SJ1117-285PI
SJ1117285PI
3.3V
SJ1117-33PI
SJ111733PI
5.0V
SJ1117-50PI
SJ111750PI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com