Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SJ1117-API Datasheet(PDF) 4 Page - KODENSHI_AUK CORP.

Part # SJ1117-API
Description  Adjustable and Fixed Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SJ1117-API Datasheet(HTML) 4 Page - KODENSHI_AUK CORP.

  SJ1117-API Datasheet HTML 1Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 2Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 3Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 4Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 5Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 6Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 7Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 8Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
KSD-I0T005-010
4
SJ1117xxx
◈ Absolute Maximum Ratings
(1)
[Ta=25
C]
Characteristic
Symbol
Rating
Unit
Input voltage
VI
16
V
Power Dissipation
(5)
SOT-89
PD1
(2)
0.4
W
PD2
(3)
0.5
SOT-223
PD1
(2)
1.0
PD2
(3)
1.4
TO-252
PD1
(2)
1.4
PD2
(3)
2.7
TO-220F-3L
PD1
(2)
2.0
PD2
(4)
24
Junction Temperature
TJ
150
℃
Operating temperature range
Topr
-40 ~ +125
℃
Storage temperature range
Tstg
-55 ~ +150
℃
(1) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate
conditions for which the device is intended to be functional, but specific performance is not ensured. For ensured
specifications and the test conditions, see the Electrical Characteristics.
(2) TA=25℃(No Heat sink)
(3) Mounted on a glass epoxy PCB board (25.4 × 25.4mm).
(4) TC=25℃(Used Heat sink)
(5) Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do
not apply when operating the device outside of its operating ratings. The maximum allowable power dissipation is a function
of the maximum junction temperature, TJ(max), the junction-to-ambient thermal resistance,
θ
JA, and the ambient temperature,
TA. The maximum allowable power dissipation at any ambient temperature is calculated using
: PD(max) = (TJ(max)-TA)/
θ
JA.
Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the regulator will go into
thermal shutdown.
◈ Recommended Operating Conditions
(1)
Characteristic
Symbol
Min.
Max.
Unit
Input voltage
VI
VO+1.5V
VO+7V
V
Output current
IO
10
1000
mA
(1) Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate
conditions for which the device is intended to be functional, but specific performance is not ensured. For ensured
specifications and the test conditions, see the Electrical Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com