Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SJ1117-API Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

Part # SJ1117-API
Description  Adjustable and Fixed Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SJ1117-API Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  SJ1117-API Datasheet HTML 1Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 2Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 3Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 4Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 5Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 6Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 7Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 8Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 9Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
KSD-I0T005-010
1
SJ1117xxx
Adjustable and Fixed Voltage Regulator
◈ Descriptions
The SJ1117 series of positive adjustable and fixed regulators are designed to provide 1A with high efficiency.
All internal circuitry is designed to operate down to 1.1V input to output differential.
The SJ1117 offers current limiting and thermal shutdown and over voltage protection.
◈ Features
 Adjustable or fixed output(1.2V, 1.5V, 1.8V, 2.5V, 2.85V, 3.3V, 5V)
 Output current of 1A
 Safe Operating Area(SOA) Protection
 Over Voltage Protection (OVP)
 Over Current Protection (OCP)
 Thermal shutdown protection
 Low dropout, 1.1V Typical at 1A output current
 Operating temperature range : -40℃ ~ +125℃
 Halogen-Free Package is Available
 High Level ESD Protection : 400V(MM), 4KV(HBM)
※ Notes
1) CIN needed if device is far from filter capacitors
2) CO minimum value required for stability
2
1
2 )
1
(
R
I
R
R
V
Vout
ADJ
ADJ
Fig.1 Fixed Voltage Regulator
Fig.2 Adjustable Voltage Regulator
◈ Typical Applications
SJ1117-XX
IN
OUT
GND
VOUT
+
+
10uF
10uF
CIN
CO
VIN
SJ1117A
IN
OUT
ADJ
VIN
VOUT
+
+
10uF
10uF
125Ω
225Ω
CIN
CO
R1
R2


Similar Part No. - SJ1117-API

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SJ1117-API KODENSHI-SJ1117-API Datasheet
639Kb / 18P
Adjustable and Fixed Voltage Regulator
More results

Similar Description - SJ1117-API

ManufacturerPart #DatasheetDescription
logo
AUK corp
S1117API AUK-S1117API Datasheet
394Kb / 6P
Adjustable and Fixed LDO Voltage Regulator
S1117AQ AUK-S1117AQ Datasheet
394Kb / 6P
Adjustable and Fixed LDO Voltage Regulator
S1117APIC AUK-S1117APIC Datasheet
393Kb / 6P
Adjustable and Fixed LDO Voltage Regulator
S1117-XXD AUK-S1117-XXD Datasheet
328Kb / 6P
Adjustable and Fixed Voltage Regulator
S1117-XXPIC AUK-S1117-XXPIC Datasheet
329Kb / 6P
Adjustable and Fixed Voltage Regulator
S1117-XXQ AUK-S1117-XXQ Datasheet
329Kb / 6P
Adjustable and Fixed Voltage Regulator
logo
Texas Instruments
TLV1117 TI-TLV1117 Datasheet
594Kb / 24P
ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
logo
KODENSHI_AUK CORP.
SJ1117-AF KODENSHI-SJ1117-AF Datasheet
639Kb / 18P
Adjustable and Fixed Voltage Regulator
logo
Texas Instruments
TLV1117CDCYRG3 TI1-TLV1117CDCYRG3 Datasheet
1Mb / 36P
ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
TLV1117-33DCY TI-TLV1117-33DCY Datasheet
1Mb / 36P
ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com