Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SJ1117-API Datasheet(PDF) 12 Page - KODENSHI_AUK CORP.

Part # SJ1117-API
Description  Adjustable and Fixed Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SJ1117-API Datasheet(HTML) 12 Page - KODENSHI_AUK CORP.

Back Button SJ1117-API Datasheet HTML 8Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 9Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 10Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 11Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 12Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 13Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 14Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 15Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 16Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
KSD-I0T005-010
12
SJ1117xxx
◈ Typical Application
Fig.22 Battery Backed-up Power Supply
Fig.20 Adjusting Output of Fixed Regulators
Fig.21 Regulators with Reference
SJ1117-50
IN
OUT
GND
VIN > 12V
VOUT = 5V to 10V
+
10uF
+
+
10uF
1kΩ
10uF
SJ1117-50
IN
OUT
GND
VIN > 9V
VOUT = 7.5V
+
10uF
+
10uF
2.5VOUT
SJ1117-50
IN
OUT
GND
VIN
50Ω
+
10μF
SJ1117-50
IN
OUT
GND
+
10μF
VOUT
100uF
+
5.3V AC LINE
5.0V Battery
*RCHG
*: RCHG : Select for charge rate.
6.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com