Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SJ1117-API Datasheet(PDF) 8 Page - KODENSHI_AUK CORP.

Part # SJ1117-API
Description  Adjustable and Fixed Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

SJ1117-API Datasheet(HTML) 8 Page - KODENSHI_AUK CORP.

Back Button SJ1117-API Datasheet HTML 4Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 5Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 6Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 7Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 8Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 9Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 10Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 11Page - KODENSHI_AUK CORP. SJ1117-API Datasheet HTML 12Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
KSD-I0T005-010
8
SJ1117xxx
◈ Application Note
Input Bypass Capacitor (CIN)
An Input capacitor is recommended. A 10μF tantalum capacitor on the input is a suitable bypassing for all
applications.
Adjust Terminal Bypass Capacitor(CADJ)
The adjust terminal can be bypassed to ground with a bypass capacitor to improve ripple rejection
This bypass capacitor prevents ripple from being amplified as the output voltage is increased. At
any ripple frequency, the impedance of the CADJ should less than R1 to prevent the ripple from being
amplified
The R1 is the resistor between the output and the adjust pin.
Output Capacitor(COUT)
The output capacitor(COUT) is critical in maintaining regulator stability, and must meet required
conditions for both minimum amount of capacitance and ESR. The minimum COUT required is
10μF(tantalum capacitor). Any increase of the COUT will merely improve the stability and transient
response. The ESR of the COUT should range between 0.3Ω - 22Ω. In the case of the adjustable regulator,
when the CADJ is used, a larger COUT (22μF) is required.
Output Voltage
The SJ1117 develops a 1.25V reference voltage between the output and the adjust terminal (See Fig.9).
By placing a resistor between these two terminals, a constant current is caused to flow through R1 and
down through R2 to set the overall output voltage. Normally this current is chosen to be the specified
minimum load current. Because IADJ is very small and constant when compared to the current through R1,
it represents a small error and can usually be ignored. For fixed voltage devices R1 and R2 are included in
the device.
1
)
2
(
1
R
C
f
ADJ
RIPPLE
Fig.13 Basic Adjustable Regulator
2
1
2
1
R
I
R
R
V
V
ADJ
REF
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com