Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP1817PDDA Datasheet(PDF) 7 Page - uPI Group Inc.

Part # UP1817PDDA
Description  2-Channel SVID-Controlled Reference Generator in
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1817PDDA Datasheet(HTML) 7 Page - uPI Group Inc.

Back Button UP1817PDDA Datasheet HTML 3Page - uPI Group Inc. UP1817PDDA Datasheet HTML 4Page - uPI Group Inc. UP1817PDDA Datasheet HTML 5Page - uPI Group Inc. UP1817PDDA Datasheet HTML 6Page - uPI Group Inc. UP1817PDDA Datasheet HTML 7Page - uPI Group Inc. UP1817PDDA Datasheet HTML 8Page - uPI Group Inc. UP1817PDDA Datasheet HTML 9Page - uPI Group Inc. UP1817PDDA Datasheet HTML 10Page - uPI Group Inc. UP1817PDDA Datasheet HTML 11Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
uP1817
7
uP1817-DS-F0000, Mar. 2017
www.upi-semi.com
Functional Description
Table 3. VR12.1 and IMVP8 VID (Cont.)
e
d
o
C
D
I
V
)
X
E
H
(
V
C
A
D
)
V
()
V
(
X
F
E
R
V
e
d
o
C
D
I
V
)
X
E
H
(
V
C
A
D
)
V
()
V
(
X
F
E
R
V
e
d
o
C
D
I
V
)
X
E
H
(
V
C
A
D
)
V
(
)
V
(
X
F
E
R
V
F
6
x
00
0
8
.
08
8
.
04
9
x
05
8
9
.
04
0
.
18
B
x
05
6
1
.
10
2
.
1
0
7
x
05
0
8
.
08
8
.
05
9
x
00
9
9
.
04
0
.
19
B
x
00
7
1
.
10
2
.
1
1
7
x
00
1
8
.
08
8
.
06
9
x
05
9
9
.
04
0
.
1A
B
x
05
7
1
.
10
2
.
1
2
7
x
05
1
8
.
08
8
.
07
9
x
00
0
0
.
14
0
.
1B
B
x
00
8
1
.
10
2
.
1
3
7
x
00
2
8
.
08
8
.
08
9
x
05
0
0
.
14
0
.
1C
B
x
05
8
1
.
18
2
.
1
4
7
x
05
2
8
.
08
8
.
09
9
x
00
1
0
.
14
0
.
1D
B
x
00
9
1
.
18
2
.
1
5
7
x
00
3
8
.
08
8
.
0A
9
x
05
1
0
.
14
0
.
1E
B
x
05
9
1
.
18
2
.
1
6
7
x
05
3
8
.
08
8
.
0B
9
x
00
2
0
.
14
0
.
1F
B
x
00
0
2
.
18
2
.
1
7
7
x
00
4
8
.
08
8
.
0C
9
x
05
2
0
.
12
1
.
10
C
x
05
0
2
.
18
2
.
1
8
7
x
05
4
8
.
08
8
.
0D
9
x
00
3
0
.
12
1
.
11
C
x
00
1
2
.
18
2
.
1
9
7
x
00
5
8
.
08
8
.
0E
9
x
05
3
0
.
12
1
.
12
C
x
05
1
2
.
18
2
.
1
A
7
x
05
5
8
.
08
8
.
0F
9
x
00
4
0
.
12
1
.
13
C
x
00
2
2
.
18
2
.
1
B
7
x
00
6
8
.
08
8
.
00
A
x
05
4
0
.
12
1
.
14
C
x
05
2
2
.
18
2
.
1
C
7
x
05
6
8
.
06
9
.
01
A
x
00
5
0
.
12
1
.
15
C
x
00
3
2
.
18
2
.
1
D
7
x
00
7
8
.
06
9
.
02
A
x
05
5
0
.
12
1
.
16
C
x
05
3
2
.
18
2
.
1
E
7
x
05
7
8
.
06
9
.
03
A
x
00
6
0
.
12
1
.
17
C
x
00
4
2
.
18
2
.
1
F
7
x
00
8
8
.
06
9
.
04
A
x
05
6
0
.
12
1
.
18
C
x
05
4
2
.
18
2
.
1
0
8
x
05
8
8
.
06
9
.
05
A
x
00
7
0
.
12
1
.
19
C
x
00
5
2
.
18
2
.
1
1
8
x
00
9
8
.
06
9
.
06
A
x
05
7
0
.
12
1
.
1A
C
x
05
5
2
.
18
2
.
1
2
8
x
05
9
8
.
06
9
.
07
A
x
00
8
0
.
12
1
.
1B
C
x
00
6
2
.
18
2
.
1
3
8
x
00
0
9
.
06
9
.
08
A
x
05
8
0
.
12
1
.
1C
C
x
05
6
2
.
16
3
.
1
4
8
x
05
0
9
.
06
9
.
09
A
x
00
9
0
.
12
1
.
1D
C
x
00
7
2
.
16
3
.
1
5
8
x
00
1
9
.
06
9
.
0A
A
x
05
9
0
.
12
1
.
1E
C
x
05
7
2
.
16
3
.
1
6
8
x
05
1
9
.
06
9
.
0B
A
x
00
0
1
.
12
1
.
1F
C
x
00
8
2
.
16
3
.
1
7
8
x
00
2
9
.
06
9
.
0C
A
x
05
0
1
.
10
2
.
10
D
x
05
8
2
.
16
3
.
1
8
8
x
05
2
9
.
06
9
.
0D
A
x
00
1
1
.
10
2
.
11
D
x
00
9
2
.
16
3
.
1
9
8
x
00
3
9
.
06
9
.
0E
A
x
05
1
1
.
10
2
.
12
D
x
05
9
2
.
16
3
.
1
A
8
x
05
3
9
.
06
9
.
0F
A
x
00
2
1
.
10
2
.
13
D
x
00
0
3
.
16
3
.
1
B
8
x
00
4
9
.
06
9
.
00
B
x
05
2
1
.
10
2
.
14
D
x
05
0
3
.
16
3
.
1
C
8
x
05
4
9
.
04
0
.
11
B
x
00
3
1
.
10
2
.
15
D
x
00
1
3
.
16
3
.
1
D
8
x
00
5
9
.
04
0
.
12
B
x
05
3
1
.
10
2
.
16
D
x
05
1
3
.
16
3
.
1
E
8
x
05
5
9
.
04
0
.
13
B
x
00
4
1
.
10
2
.
17
D
x
00
2
3
.
16
3
.
1
F
8
x
00
6
9
.
04
0
.
14
B
x
05
4
1
.
10
2
.
18
D
x
05
2
3
.
16
3
.
1
0
9
x
05
6
9
.
04
0
.
15
B
x
00
5
1
.
10
2
.
19
D
x
00
3
3
.
16
3
.
1
1
9
x
00
7
9
.
04
0
.
16
B
x
05
5
1
.
10
2
.
1A
D
x
05
3
3
.
16
3
.
1
2
9
x
05
7
9
.
04
0
.
17
B
x
00
6
1
.
10
2
.
1B
D
x
00
4
3
.
16
3
.
1
3
9
x
00
8
9
.
04
0
.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com