Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP1817PDDA Datasheet(PDF) 13 Page - uPI Group Inc.

Part # UP1817PDDA
Description  2-Channel SVID-Controlled Reference Generator in
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1817PDDA Datasheet(HTML) 13 Page - uPI Group Inc.

Back Button UP1817PDDA Datasheet HTML 9Page - uPI Group Inc. UP1817PDDA Datasheet HTML 10Page - uPI Group Inc. UP1817PDDA Datasheet HTML 11Page - uPI Group Inc. UP1817PDDA Datasheet HTML 12Page - uPI Group Inc. UP1817PDDA Datasheet HTML 13Page - uPI Group Inc. UP1817PDDA Datasheet HTML 14Page - uPI Group Inc. UP1817PDDA Datasheet HTML 15Page - uPI Group Inc. UP1817PDDA Datasheet HTML 16Page - uPI Group Inc. UP1817PDDA Datasheet HTML 17Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
uP1817
13
uP1817-DS-F0000, Mar. 2017
www.upi-semi.com
(Note 1)
Supply Input Voltage, Vcc -------------------------------------------------------------------------------------------------------------- -0.3V to +6V
Other Pins ---------------------------------------------------------------------------------------------------------------------------- -5V to (V
CC + 0.3)V
Storage Temperature Range ------------------------------------------------------------------------------------------------------------ -65oC to +150oC
Junction Temperature ------------------------------------------------------------------------------------------------------------------------------------ 150oC
Lead Temperature (Soldering, 10 sec) ------------------------------------------------------------------------------------------------------------ 260oC
ESD Rating (Note 2)
HBM (Human Body Mode) --------------------------------------------------------------------------------------------------------------------- 2kV
MM (Machine Mode) ----------------------------------------------------------------------------------------------------------------------------- 200V
Package Thermal Resistance (Note 3)
WDFN3x3 - 10L
θ
JA --------------------------------------------------------------------------------------------------------------------- 68
oC/W
WDFN3x3 - 10L
θ
JC ----------------------------------------------------------------------------------------------------------------------- 6
oC/W
Power Dissipation, P
D @ TA = 25
oC
WDFN3x3 - 10L ------------------------------------------------------------------------------------------------------------------------------------ 1.47W
(Note 4)
Operating Junction Temperature Range ------------------------------------------------------------------------------------------- -40oC to +125oC
OperatingAmbient Temperature Range --------------------------------------------------------------------------------------------- -40oC to +85oC
Supply Input Voltage, V
CC --------------------------------------------------------------------------------------------------------------- 4.5V to 5.5V
Absolute Maximum Rating
Thermal Information
Recommended Operation Conditions
Note 1. Stresses listed as the above Absolute Maximum Ratings may cause permanent damage to the device. These
are for stress ratings. Functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may remain possibility to affect device reliability.
Note 2. Devices are ESD sensitive. Handling precaution recommended.
Note 3.
θ
JA is measured in the natural convection at TA = 25
oC on a low effective thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.
Note 4. The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com