Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP1817PDDA Datasheet(PDF) 1 Page - uPI Group Inc.

Part # UP1817PDDA
Description  2-Channel SVID-Controlled Reference Generator in
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1817PDDA Datasheet(HTML) 1 Page - uPI Group Inc.

  UP1817PDDA Datasheet HTML 1Page - uPI Group Inc. UP1817PDDA Datasheet HTML 2Page - uPI Group Inc. UP1817PDDA Datasheet HTML 3Page - uPI Group Inc. UP1817PDDA Datasheet HTML 4Page - uPI Group Inc. UP1817PDDA Datasheet HTML 5Page - uPI Group Inc. UP1817PDDA Datasheet HTML 6Page - uPI Group Inc. UP1817PDDA Datasheet HTML 7Page - uPI Group Inc. UP1817PDDA Datasheet HTML 8Page - uPI Group Inc. UP1817PDDA Datasheet HTML 9Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
uP1817
1
uP1817-DS-F0000, Mar. 2017
www.upi-semi.com
2-Channel SVID-Controlled Reference Generator in
WDFN3x3-10L
Support VR12.1 and IMVP8 VID Table
Support Apollo Lake (uP1817Q)
+1% VREF Accuracy
VR12.1 and IMVP8 Operation Mode Selection by
Hardware Setting
Digital IMON ADC for Each Output
Initial Output Voltage Vboot Selection by
Hardware Setting
WDFN3x3 - 10L Package
RoHS Compliant and Halogen Free
r
e
b
m
u
N
r
e
d
r
Oe
p
y
T
e
g
a
k
c
a
Pg
n
i
k
r
a
M
p
o
T
A
D
D
P
7
1
8
1
P
u
L
0
1
-
3
x
3
N
F
D
W
P
7
1
8
1
P
u
A
D
D
Q
7
1
8
1
P
uQ
7
1
8
1
P
u
General Description
Applications
Features
VCORE Power Supplies for Desktop and Laptop
Computers
Ordering Information
Note: uPI products are compatible with the current IPC/
JEDEC J-STD-020 requirement. They are halogen-free,
RoHS compliant and 100% matte tin (Sn) plating that are
suitable for use in SnPb or Pb-free soldering processes.
The uP1817 is a universal DAC (Digital-to-Analog Converter)
generator that supports VR12.1 and IMVP8 VID tables,
which is selected by hardware setting. This part generates
1% accuracy reference voltage with VR12.1/IMVP8
compatible dynamic voltage change slew rate according to
SVID inputs. Moreover, the device supports digital output
current monitor for two output rails Vcore and VccGT
(uP1817P,MVP8 mode), VCC_VCGI and VNN(uP1817Q,
IMVP8 mode) or VCC and VGG (VR12.1 mode). The
uP1817 provides enable/disable function for power
sequence control, and supports hardware selectable initial
output voltage Vboot. The uP1817 is available in a space-
saving WDFN3x3 - 10L package.
Pin Configuration
1
2
3
4
5
10
9
8
7
6
SVDIO
ALERT#
SVCLK
EN/VBOOT
MODE
VREF0
VREF1
IMON0
IMON1
VCC
GND


Similar Part No. - UP1817PDDA

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP1810 UPI-UP1810 Datasheet
662Kb / 14P
Three-Channel Voltage Console
UP1810AMA8;S50A;SOT23-8L UPI-UP1810AMA8;S50A;SOT23-8L Datasheet
662Kb / 14P
Three-Channel Voltage Console
UP1811 UPI-UP1811 Datasheet
727Kb / 13P
Three-Channel Voltage Console
UP1811AMA8 UPI-UP1811AMA8 Datasheet
727Kb / 13P
Three-Channel Voltage Console
UP1813P UPI-UP1813P Datasheet
786Kb / 18P
2-Channel SVID-Controlled Reference Generator
More results

Similar Description - UP1817PDDA

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5825C ELANTEC-EL5825C Datasheet
81Kb / 3P
8-Channel TFT-LCD Reference Voltage Generator
logo
Intersil Corporation
EL5825 INTERSIL-EL5825 Datasheet
638Kb / 12P
8-Channel TFT-LCD Reference Voltage Generator
June 24, 2005
EL5126 INTERSIL-EL5126 Datasheet
391Kb / 11P
8-Channel TFT-LCD Reference Voltage Generator
April 2003
EL5225 INTERSIL-EL5225 Datasheet
859Kb / 12P
10-Channel TFT-LCD Reference Voltage Generator
March 11, 2004
EL5126 INTERSIL-EL5126_06 Datasheet
323Kb / 12P
8-Channel TFT-LCD Reference Voltage Generator
August 24, 2006
EL5525 INTERSIL-EL5525 Datasheet
626Kb / 10P
18-Channel TFT-LCD Reference Voltage Generator
September 21, 2010
logo
Renesas Technology Corp
EL5525 RENESAS-EL5525 Datasheet
734Kb / 10P
18-Channel TFT-LCD Reference Voltage Generator
EL5825 RENESAS-EL5825 Datasheet
803Kb / 12P
8-Channel TFT-LCD Reference Voltage Generator
logo
uPI Group Inc.
UP1813P UPI-UP1813P Datasheet
786Kb / 18P
2-Channel SVID-Controlled Reference Generator
UP1813Q UPI-UP1813Q Datasheet
218Kb / 18P
2-Channel SVID-Controlled Reference Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com