Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP1817PDDA Datasheet(PDF) 9 Page - uPI Group Inc.

Part # UP1817PDDA
Description  2-Channel SVID-Controlled Reference Generator in
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

UP1817PDDA Datasheet(HTML) 9 Page - uPI Group Inc.

Back Button UP1817PDDA Datasheet HTML 5Page - uPI Group Inc. UP1817PDDA Datasheet HTML 6Page - uPI Group Inc. UP1817PDDA Datasheet HTML 7Page - uPI Group Inc. UP1817PDDA Datasheet HTML 8Page - uPI Group Inc. UP1817PDDA Datasheet HTML 9Page - uPI Group Inc. UP1817PDDA Datasheet HTML 10Page - uPI Group Inc. UP1817PDDA Datasheet HTML 11Page - uPI Group Inc. UP1817PDDA Datasheet HTML 12Page - uPI Group Inc. UP1817PDDA Datasheet HTML 13Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
uP1817
9
uP1817-DS-F0000, Mar. 2017
www.upi-semi.com
Functional Description
Table 4. Supported Data and Configuration Registers (uP1817P)
x
e
d
n
I
r
e
t
s
i
g
e
R
e
m
a
N
s
s
e
c
c
A
8
P
V
M
I
c
e
p
S
e
n
i
f
e
D
r
d
d
a
R
V
h
0
0
=
)
e
r
o
c
V
(
r
d
d
a
R
V
h
1
0
=
)
T
G
c
c
V
(
=
r
d
d
a
R
V
,
a
s
c
c
V
(
h
2
0
)
2
e
t
o
N
e
e
s
1
.
2
1
R
V
c
e
p
S
e
n
i
f
e
D
r
d
d
a
R
V
h
0
0
=
)
C
C
V
(
r
d
d
a
R
V
h
5
0
=
)
G
G
V
(
t
l
u
a
f
e
Dt
l
u
a
f
e
Dt
l
u
a
f
e
Dt
l
u
a
f
e
Dt
l
u
a
f
e
D
h
0
0D
I
r
o
d
n
e
Vr
o
d
n
e
v
O
RX
h
7
2h
7
2h
7
2X
h
7
2h
7
2
h
1
0D
I
t
c
u
d
o
r
Pr
o
d
n
e
v
O
RX
h
F
1h
F
1h
F
1X
h
F
1h
F
1
h
2
0
t
c
u
d
o
r
P
n
o
i
s
i
v
e
R
r
o
d
n
e
v
O
RX
h
0
0h
0
0h
0
0X
h
0
0h
0
0
h
5
0D
I
l
o
c
o
t
o
r
Pr
o
d
n
e
v
O
RX
h
5
0h
5
0h
5
0X
h
6
0h
6
0
h
6
0y
t
il
i
b
a
p
a
Cr
o
d
n
e
v
O
RX
h
1
8h
1
8h
1
8X
h
1
8h
1
8
h
0
11
_
s
u
t
a
t
S
M
-
R
M
W
P
-
W
Xh
0
0h
0
0h
0
0X
h
0
0h
0
0
h
1
12
_
s
u
t
a
t
S
M
-
R
M
W
P
-
W
Xh
0
0h
0
0h
0
0X
h
0
0h
0
0
h
5
1t
u
o
I
M
-
R
M
W
P
-
W
X
0
N
O
M
I
C
D
A
1
N
O
M
I
C
D
A
h
2
0X
C
D
A
0
N
O
M
IC
D
A
1
N
O
M
I
h
C
1
_
2
s
u
t
a
t
S
d
a
e
r
t
s
a
l
M
-
R
M
W
P
-
W
Xh
0
0h
0
0h
0
0X
h
0
0h
0
0
h
1
2X
A
M
C
C
Im
r
o
f
t
a
l
p
O
RX
s
d
n
e
p
e
d
W
H
n
o
g
n
i
t
t
e
s
s
d
n
e
p
e
d
W
H
n
o
g
n
i
t
t
e
s
h
5
0X
n
o
s
d
n
e
p
e
d
g
n
i
t
t
e
s
W
H
n
o
s
d
n
e
p
e
d
g
n
i
t
t
e
s
W
H
h
2
2X
A
M
Tm
r
o
f
t
a
l
p
O
RO
h
9
6h
9
6h
9
6O
h
9
6h
9
6
h
4
2t
s
a
f
_
R
Sm
r
o
f
t
a
l
p
O
RX
h
E
1h
E
1h
E
1X
h
A
0h
A
0
h
5
2w
o
l
s
_
R
Sm
r
o
f
t
a
l
p
O
RX
h
7
0h
7
0h
7
0X
h
2
0h
2
0
h
6
2t
o
o
b
Vm
r
o
f
t
a
l
p
O
RX
s
d
n
e
p
e
d
W
H
n
o
g
n
i
t
t
e
s
s
d
n
e
p
e
d
W
H
n
o
g
n
i
t
t
e
s
)
V
5
0
.
1
=
(
h
1
AX
n
o
s
d
n
e
p
e
d
g
n
i
t
t
e
s
W
H
n
o
s
d
n
e
p
e
d
g
n
i
t
t
e
s
W
H
h
A
2
w
e
l
S
w
o
l
S
e
t
a
R
r
o
t
c
e
l
e
S
r
e
t
s
a
M
W
RX
h
1
0h
1
0h
1
0N
h
2
0h
2
0
h
B
2
t
i
x
E
4
S
P
y
c
n
e
t
a
L
y
l
n
o
RX
h
F
7
)
s
u
8
2
1
(
h
F
7
)
s
u
8
2
1
(
)
s
u
8
2
1
(
h
F
7O
)
s
u
8
2
1
(
h
F
7
)
s
u
8
2
1
(
h
F
7
h
C
2
t
i
x
E
3
S
P
y
c
n
e
t
a
L
y
l
n
o
RX
)
s
u
8
(
h
F
3)
s
u
8
(
h
F
3)
s
u
8
(
h
F
3O
)
s
u
8
(
h
F
3)
s
u
8
(
h
F
3
h
D
2
o
t
e
l
b
a
n
E
y
d
a
e
R
D
I
V
S
y
l
n
o
RX
h
F
B
)
s
u
8
4
0
2
(
h
F
B
)
s
u
8
4
0
2
(
)
s
u
8
4
0
2
(
h
F
BO
h
F
B
)
s
u
8
4
0
2
(
h
F
B
)
s
u
8
4
0
2
(
Note1: O: Optional
X: Required
N: Not Supported
Note2: No physical reference voltage output, SVID command response only. In IMVP8 mode, VR address 02h does
not affect ALERT# assertion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com