Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2616CDD Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2616CDD
Description  16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2616CDD Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2616CDD Datasheet HTML 4Page - Linear Technology LTC2616CDD Datasheet HTML 5Page - Linear Technology LTC2616CDD Datasheet HTML 6Page - Linear Technology LTC2616CDD Datasheet HTML 7Page - Linear Technology LTC2616CDD Datasheet HTML 8Page - Linear Technology LTC2616CDD Datasheet HTML 9Page - Linear Technology LTC2616CDD Datasheet HTML 10Page - Linear Technology LTC2616CDD Datasheet HTML 11Page - Linear Technology LTC2616CDD Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LTC2606/LTC2616/LTC2626
26061626f
TYPICAL PERFOR A CE CHARACTERISTICS
Supply Current vs Logic Voltage
LTC2606/LTC2616/LTC2626
Midscale Glitch Impulse
Power-On Reset Glitch
Headroom at Rails
vs Output Current
VOUT
10mV/DIV
SCL
2V/DIV
2.5µs/DIV
2606 G26
TRANSITION FROM
MS-1 TO MS
TRANSITION FROM
MS TO MS-1
9TH CLOCK
OF 3RD DATA
BYTE
IOUT (mA)
0
1
2
3
4
5
6
7
8
910
2606 G28
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
5V SOURCING
3V SOURCING
3V SINKING
5V SINKING
VOUT
10mV/DIV
250µs/DIV
2606 G27
VCC
1V/DIV
4mV PEAK
Large-Signal Response
2.5µs/DIV
VOUT
0.5V/DIV
2606 G25
VREF = VCC = 5V
1/4-SCALE TO 3/4-SCALE
1V/DIV
500µs/DIV
2606 G29
VCC
VOUT
VREF = VCC
Power-On Reset to Midscale
LOGIC VOLTAGE (V)
0
650
600
550
500
450
400
350
300
– 250
4
2606 G30
123
5
3.5
0.5
1.5
2.5
4.5
VCC = 5V
SWEEP LDAC
0V TO VCC
LOGIC VOLTAGE (V)
0
0.8
1.0
1.2
4
2606 G31
0.6
0.4
0.7
0.9
1.1
0.5
0.3
0.2
1
0.5
2
1.5
3
3.5
4.5
2.5
5
HYSTERESIS
370mV
VCC = 5V
SWEEP SCL AND
SDA 0V TO VCC
AND VCC TO 0V
Supply Current vs Logic Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com