Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2616CDD Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2616CDD
Description  16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2616CDD Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2616CDD Datasheet HTML 7Page - Linear Technology LTC2616CDD Datasheet HTML 8Page - Linear Technology LTC2616CDD Datasheet HTML 9Page - Linear Technology LTC2616CDD Datasheet HTML 10Page - Linear Technology LTC2616CDD Datasheet HTML 11Page - Linear Technology LTC2616CDD Datasheet HTML 12Page - Linear Technology LTC2616CDD Datasheet HTML 13Page - Linear Technology LTC2616CDD Datasheet HTML 14Page - Linear Technology LTC2616CDD Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
LTC2606/LTC2616/LTC2626
26061626f
BLOCK DIAGRA
7
10
4
5
1
DAC
REGISTER
INPUT
REGISTER
I2C
INTERFACE
16-BIT DAC
VOUT
CONTROL
LOGIC
I2C
ADDRESS
DECODE
LDAC
SCL
SDA
CA0
CA1
CA2
2606 BD
8
GND
9
6
VCC
REF
3
2
TEST CIRCUITS
100Ω
RINH/RINL/RINF
VIH(CAn)/VIL(CAn)
CA
n
GND
2606 TC
VDD
Test Circuit 2
Test Circuit 1
CA
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com