Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2616CDD Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2616CDD
Description  16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2616CDD Datasheet(HTML) 3 Page - Linear Technology

  LTC2616CDD Datasheet HTML 1Page - Linear Technology LTC2616CDD Datasheet HTML 2Page - Linear Technology LTC2616CDD Datasheet HTML 3Page - Linear Technology LTC2616CDD Datasheet HTML 4Page - Linear Technology LTC2616CDD Datasheet HTML 5Page - Linear Technology LTC2616CDD Datasheet HTML 6Page - Linear Technology LTC2616CDD Datasheet HTML 7Page - Linear Technology LTC2616CDD Datasheet HTML 8Page - Linear Technology LTC2616CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC2606/LTC2616/LTC2626
26061626f
ELECTRICAL C
C
HARA TERISTICS The ● denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. REF = 4.096V (VCC = 5V), REF = 2.048V (VCC = 2.7V), VOUT unloaded,
unless otherwise noted. (Note 11)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PSR
Power Supply Rejection
VCC = ±10%
–81
dB
ROUT
DC Output Impedance
VREF = VCC = 5V, Midscale; –15mA ≤ IOUT ≤ 15mA
●
0.05
0.15
Ω
VREF = VCC = 2.7V, Midscale; –7.5mA ≤ IOUT ≤ 7.5mA ●
0.06
0.15
Ω
ISC
Short-Circuit Output Current
VCC = 5.5V, VREF = 5.5V
Code: Zero Scale; Forcing Output to VCC
●
15
34
60
mA
Code: Full Scale; Forcing Output to GND
●
15
36
60
mA
VCC = 2.7V, VREF = 2.7V
Code: Zero Scale; Forcing Output to VCC
●
7.5
22
50
mA
Code: Full Scale; Forcing Output to GND
●
7.5
29
50
mA
Reference Input
Input Voltage Range
●
0VCC
V
Resistance
Normal Mode
●
88
124
160
kΩ
Capacitance
15
pF
IREF
Reference Current, Power Down Mode
DAC Powered Down
●
0.001
1
µA
Power Supply
VCC
Positive Supply Voltage
For Specified Performance
●
2.7
5.5
V
ICC
Supply Current
VCC = 5V (Note 3)
●
0.340
0.5
mA
VCC = 3V (Note 3)
●
0.27
0.4
mA
DAC Powered Down (Note 3) VCC = 5V
●
0.35
1
µA
DAC Powered Down (Note 3) VCC = 3V
●
0.10
1
µA
Digital I/O (Note 11)
VIL
Low Level Input Voltage
●
–0.5
0.3VCC
V
(SDA and SCL)
VIH
High Level Input Voltage
(Note 8)
●
0.7VCC
V
(SDA and SCL)
VIL(LDAC)
Low Level Input Voltage (LDAC)
VCC = 4.5V to 5.5V
●
0.8
V
VCC = 2.7V to 5.5V
●
0.6
V
VIH(LDAC)
High Level Input Voltage (LDAC)
VCC = 2.7V to 5.5V
●
2.4
V
VCC = 2.7V to 3.6V
●
2.0
V
VIL(CAn)
Low Level Input Voltage on CA
n
See Test Circuit 1
●
0.15VCC
V
(
n = 0, 1, 2)
VIH(CAn)
High Level Input Voltage on CA
n
See Test Circuit 1
● 0.85VCC
V
(
n = 0, 1, 2)
RINH
Resistance from CA
n (n = 0, 1, 2)
See Test Circuit 2
●
10
kΩ
to VCC to Set CAn = VCC
RINL
Resistance from CA
n (n = 0, 1, 2)
See Test Circuit 2
●
10
kΩ
to GND to Set CA
n = GND
RINF
Resistance from CA
n (n = 0, 1, 2)
See Test Circuit 2
●
2MΩ
to VCC or GND to Set CAn = Float
VOL
Low Level Output Voltage
Sink Current = 3mA
●
0
0.4
V
tOF
Output Fall Time
VO = VIH(MIN) to VO = VIL(MAX),
● 20 + 0.1CB
250
ns
CB = 10pF to 400pF (Note 9)
tSP
Pulse Width of Spikes Suppressed
●
050
ns
by Input Filter
IIN
Input Leakage
0.1VCC ≤ VIN ≤ 0.9VCC
●
1
µA
CIN
I/O Pin Capacitance
●
10
pF
CB
Capacitive Load for Each Bus Line
●
400
pF
CCAX
External Capacitive Load on Address
●
10
pF
Pins CA
n (n = 0, 1, 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com