Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2616CDD Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2616CDD
Description  16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2616CDD Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2616CDD Datasheet HTML 6Page - Linear Technology LTC2616CDD Datasheet HTML 7Page - Linear Technology LTC2616CDD Datasheet HTML 8Page - Linear Technology LTC2616CDD Datasheet HTML 9Page - Linear Technology LTC2616CDD Datasheet HTML 10Page - Linear Technology LTC2616CDD Datasheet HTML 11Page - Linear Technology LTC2616CDD Datasheet HTML 12Page - Linear Technology LTC2616CDD Datasheet HTML 13Page - Linear Technology LTC2616CDD Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LTC2606/LTC2616/LTC2626
26061626f
PIN FUNCTIONS
CA2 (Pin 1): Chip Address Bit 2. Tie this pin to VCC, GND
or leave it floating to select an I2C slave address for the part
(Table 1).
SDA (Pin 2): Serial Data Bidirectional Pin. Data is shifted
into the SDA pin and acknowledged by the SDA pin. This
pin is high impedance while data is shifted in. Open drain
N-channel output during acknowledgment. SDA requires
a pull-up resistor or current source to VCC.
SCL (Pin 3): Serial Clock Input Pin. Data is shifted into the
SDA pin at the rising edges of the clock. This high
impedance pin requires a pull-up resistor or current source
to VCC.
CA0 (Pin 4): Chip Address Bit 0. Tie this pin to VCC, GND
or leave it floating to select an I2C slave address for the part
(Table 1).
CA1 (Pin 5): Chip Address Bit 1. Tie this pin to VCC, GND
or leave it floating to select an I2C slave address for the part
(Table 1).
REF (Pin 6): Reference Voltage Input. 0V ≤ VREF ≤ VCC.
VOUT (Pin 7): DAC Analog Voltage Output. The output
range is 0V to VREF.
GND (Pin 8): Analog Ground.
VCC (Pin 9): Supply Voltage Input. 2.7V ≤ VCC ≤ 5.5V.
LDAC (Pin 10): Asynchronous DAC Update. A falling edge
on this input after four bytes have been written into the part
immediately updates the DAC register with the contents of
the input register. A low on this input without a complete
32-bit (four bytes including the slave address) data write
transfer to the part does not update the DAC output.
Software power-down is disabled when LDAC is low.
Exposed Pad (Pin 11): Ground. Must be soldered to PCB
ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com