Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2616CDD Datasheet(PDF) 15 Page - Linear Technology

Part # LTC2616CDD
Description  16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2616CDD Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC2616CDD Datasheet HTML 11Page - Linear Technology LTC2616CDD Datasheet HTML 12Page - Linear Technology LTC2616CDD Datasheet HTML 13Page - Linear Technology LTC2616CDD Datasheet HTML 14Page - Linear Technology LTC2616CDD Datasheet HTML 15Page - Linear Technology LTC2616CDD Datasheet HTML 16Page - Linear Technology LTC2616CDD Datasheet HTML 17Page - Linear Technology LTC2616CDD Datasheet HTML 18Page - Linear Technology LTC2616CDD Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15
LTC2606/LTC2616/LTC2626
26061626f
OPERATIO
C3
1ST DATA BYTE
Input Word (LTC2606)
Write Word Protocol for LTC2606/LTC2616/LTC1626
C2
C1
C0
X
X
X
X
D13
D14
D15
S
WA
SLAVE ADDRESS
1ST DATA BYTE
D12 D11 D10 D9
D8
D7 D6
D5
D4
D3
D2
D1 D0
A
2ND DATA BYTE
A
3RD DATA BYTE
A
P
2606 F03
2ND DATA BYTE
INPUT WORD
3RD DATA BYTE
C3
1ST DATA BYTE
Input Word (LTC2616)
C2
C1
C0
X
X
X
X
D11
D12
D13
D10 D9
D8
D7
D6
D5 D4
D3
D2
D1
D0
X
X
2ND DATA BYTE
3RD DATA BYTE
C3
1ST DATA BYTE
Input Word (LTC2626)
C2
C1
C0
X
X
X
X
D9
D10
D11
D8
D7
D6
D5
D4
D3 D2
D1
D0
X
X
X
X
2ND DATA BYTE
3RD DATA BYTE
a high impedance state, and the output pin is passively
pulled to ground through 90k resistors. Input- and DAC-
register contents are not disturbed during power-down.
The DAC channel can be put into power-down mode by
using command 0100b. The 16-bit data word is ignored.
The supply and reference currents are reduced to almost
zero when the DAC is powered down; the effective
resistance at REF becomes a high impedance input
(typically > 1GΩ).
Normal operation can be resumed by executing any com-
mand which includes a DAC update, as shown in Table 2
or performing an asychronous update (LDAC) as de-
scribed in the next section. The DAC is powered up as its
voltage output is updated. When the DAC in powered-
down state is powered up and updated, normal settling is
delayed. The main bias generation circuit block has been
Figure 3
automatically shut down in addition to the DAC amplifier
and reference input and so the power up delay time is
12µs (for VCC = 5V) or 30µs (for VCC = 3V)
Asynchronous DAC Update Using LDAC
In addition to the update commands shown in Table 2, the
LDAC pin asynchronously updates the DAC register with
the contents of the input register. Asynchronous update is
disabled when the input word is being clocked into the part.
If a complete input word has been written to the part, a low
on the LDAC pin causes the DAC register to be updated
with the contents of the input register.
If the input word is being written to the part, a low going
pulse on the LDAC pin before the completion of three bytes
of data powers up the DAC but does not cause the output
to be updated. If LDAC remains low after a complete input
word has been written to the part, then LDAC is recog-
nized, the command specified in the 24-bit word just
transferred is executed and the DAC output is updated.
The DAC is powered up when LDAC is taken low, indepen-
dent of any activity on the I2C bus.
If LDAC is low at the falling edge of the 9th clock of the 3rd
byte of data, it inhibits any software power-down com-
mand that was specified in the input word.
Table 2
COMMAND*
C3
C2
C1
C0
0000
Write to Input Register
0001
Update (Power Up) DAC Register
0011
Write to and Update (Power Up)
0100
Power Down
1111
No Operation
*Command codes not shown are reserved and should not be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com